Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW15N120T2 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKW15N120T2
Description  Low Loss DuoPack : IGBT in 2nd generation TrenchStop technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW15N120T2 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKW15N120T2_08 Datasheet HTML 6Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 7Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 8Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 9Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 10Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 11Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 12Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 13Page - Infineon Technologies AG IKW15N120T2_08 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IKW15N120T2
TrenchStop® 2nd generation Series
Power Semiconductors
10
Rev. 2.1 Sep 08
0V
200V
400V
600V
0A
5A
10A
15A
20A
25A
1.2us
0.8us
0.4us
0us
I
C
V
CE
0V
200V
400V
600V
0A
5A
10A
15A
1.2us
0.8us
0.4us
0us
I
C
V
CE
t, TIME
t, TIME
Figure 21. Typical turn on behavior
(VGE=0/15V, RG=41.8Ω, Tj = 175
°C,
Dynamic test circuit in Figure E)
Figure 22. Typical turn off behavior
(VGE=15/0V, RG=41.8Ω, Tj = 175
°C,
Dynamic test circuit in Figure E)
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
10µs
100µs
1ms
10ms
100ms
10
-2K/W
10
-1K/W
10
0K/W
single pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
tP, PULSE WIDTH
tP, PULSE WIDTH
Figure 23. IGBT transient thermal resistance
(D = tp / T)
Figure 24. Diode transient thermal
impedance as a function of pulse
width
(D=tP/T)
R
,(K/W)
τ , (s )
0.143
3.06*10
-4
0.217
3.47*10
-3
0.258
1.71*10
-2
0.017
2.63*10
-1
C1=
τ1/R1
R1
R2
C2=
τ2/R2
R
,(K/W)
τ , (s )
0.291
2.75*10
-4
0.434
2.60*10
-3
0.363
1.48*10
-2
0.028
1.78*10
-1
C1=
τ1/R1
R1
R2
C2=
τ2/R2


Similar Part No. - IKW15N120T2_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW15N120T2 INFINEON-IKW15N120T2_13 Datasheet
477Kb / 15P
   IGBT in 2nd generation TrenchStop짰 technology with soft, fast recovery anti-parallel Emitter Controlled Diode
Rev. 2.2 12.06.2013
More results

Similar Description - IKW15N120T2_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N120T2 INFINEON-IKW40N120T2 Datasheet
380Kb / 15P
   Low Loss DuoPack : IGBT in 2nd generation TrenchStop
Rev. 2.2 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com