Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW50N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKW50N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW50N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKW50N60T Datasheet HTML 1Page - Infineon Technologies AG IKW50N60T Datasheet HTML 2Page - Infineon Technologies AG IKW50N60T Datasheet HTML 3Page - Infineon Technologies AG IKW50N60T Datasheet HTML 4Page - Infineon Technologies AG IKW50N60T Datasheet HTML 5Page - Infineon Technologies AG IKW50N60T Datasheet HTML 6Page - Infineon Technologies AG IKW50N60T Datasheet HTML 7Page - Infineon Technologies AG IKW50N60T Datasheet HTML 8Page - Infineon Technologies AG IKW50N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IKW50N60T
TrenchStop® Series
q
Power Semiconductors
3
Rev. 2.4 Sep 08
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
26
-
Rise time
tr
-
29
-
Turn-off delay time
td(off)
-
299
-
Fall time
tf
-
29
-
ns
Turn-on energy
Eon
-
1.2
-
Turn-off energy
Eoff
-
1.4
-
Total switching energy
Ets
Tj=25
°C,
VCC=400V,IC=50A,
VGE=0/15V,
RG= 7
Ω,
Lσ
1) =103nH,
Cσ
1) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-
2.6
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
143
-
ns
Diode reverse recovery charge
Qrr
-
1.8
-
µC
Diode peak reverse recovery current
Irrm
-
27.7
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=25
°C,
VR=400V, IF=50A,
diF/dt=1280A/
µs
-
671
-
A/
µs
Switching Characteristic, Inductive Load, at Tj=175
°C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
27
-
Rise time
tr
-
33
-
Turn-off delay time
td(off)
-
341
-
Fall time
tf
-
55
-
ns
Turn-on energy
Eon
-
1.8
-
Turn-off energy
Eoff
-
1.8
-
Total switching energy
Ets
Tj=175
°C,
VCC=400V,IC=50A,
VGE=0/15V,
RG= 7
Lσ
1) =103nH,
Cσ
1) =39pF
Energy losses include
“tail” and diode
reverse recovery.
-
3.6
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
205
-
ns
Diode reverse recovery charge
Qrr
-
4.3
-
µC
Diode peak reverse recovery current
Irrm
-
40.7
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=175
°C
VR=400V, IF=50A,
diF/dt=1280A/
µs
-
449
-
A/
µs
1) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


Similar Part No. - IKW50N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW50N60T INFINEON-IKW50N60T Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKW50N60TA INFINEON-IKW50N60TA Datasheet
951Kb / 14P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 17.09.2014
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
More results

Similar Description - IKW50N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW75N60T INFINEON-IKW75N60T_08 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com