Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW75N60T Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IKW75N60T
Description  Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW75N60T Datasheet(HTML) 4 Page - Infineon Technologies AG

  IKW75N60T_08 Datasheet HTML 1Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 2Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 3Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 4Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 5Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 6Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 7Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 8Page - Infineon Technologies AG IKW75N60T_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IKW75N60T
TrenchStop® Series
q
Power Semiconductors
4
Rev. 2.6 Sep 08
10Hz
100Hz
1kHz
10kHz
100kHz
0A
50A
100A
150A
200A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
1A
10A
100A
10µs
50µs
1ms
DC
t
p=1µs
10ms
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj
≤ 175°C, D = 0.5, VCE = 400V,
VGE = 0/+15V, RG = 5
Ω)
Figure 2. Safe operating area
(D = 0, TC = 25
°C, Tj ≤175°C;
VGE=15V)
25°C
50°C
75°C
100°C 125°C 150°C
0W
50W
100W
150W
200W
250W
300W
350W
400W
25°C
75°C
125°C
0A
30A
60A
90A
120A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj
≤ 175°C)
Figure 4. DC Collector current as a function
of case temperature
(VGE
≥ 15V, Tj ≤ 175°C)
Ic
Ic


Similar Part No. - IKW75N60T_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW75N60TA INFINEON-IKW75N60TA Datasheet
1,003Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.3 14.07.2014
logo
Inchange Semiconductor ...
IKW75N60TFK ISC-IKW75N60TFK Datasheet
330Kb / 3P
   Trench gate Field-Stop IGBT
logo
Infineon Technologies A...
IKW75N60T INFINEON-IKW75N60T_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
21. September 2015
More results

Similar Description - IKW75N60T_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP06N60T INFINEON-IGP06N60T Datasheet
376Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP20N60T INFINEON-IKP20N60T_08 Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IGP06N60T INFINEON-IGP06N60T Datasheet
331Kb / 12P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.1 June 06
IKP04N60T INFINEON-IKP04N60T_09 Datasheet
566Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Feb. 09
IKP06N60T INFINEON-IKP06N60T_07 Datasheet
403Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.3 Sep. 07
IKP15N60T INFINEON-IKP15N60T_07 Datasheet
460Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.2 Sep. 07
IKW50N60T INFINEON-IKW50N60T_08 Datasheet
417Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Sep 08
IHW40T60 INFINEON-IHW40T60 Datasheet
462Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop-technology
Rev. 2.0 Sep. 08
IGW60T120 INFINEON-IGW60T120_09 Datasheet
351Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.4 Nov. 09
IGW75N60T INFINEON-IGW75N60T_09 Datasheet
403Kb / 12P
   Low Loss IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Nov 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com