Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4266G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4266G
Description  5 V/10 V Low Drop Voltage Regulator Output voltage 5 V or 10 V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4266G Datasheet HTML 1Page - Infineon Technologies AG TLE4266G Datasheet HTML 2Page - Infineon Technologies AG TLE4266G Datasheet HTML 3Page - Infineon Technologies AG TLE4266G Datasheet HTML 4Page - Infineon Technologies AG TLE4266G Datasheet HTML 5Page - Infineon Technologies AG TLE4266G Datasheet HTML 6Page - Infineon Technologies AG TLE4266G Datasheet HTML 7Page - Infineon Technologies AG TLE4266G Datasheet HTML 8Page - Infineon Technologies AG TLE4266G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
4
Rev. 2.5, 2008-03-10
TLE 4266
Table 2
Absolute Maximum Ratings (TLE 4266 G, TLE 4266 GSV10)
T
j = -40 to 150 °C
Parameter
Symbol
Limit Values
Unit Notes
Min.
Max.
Input
Voltage
V
I
-42
45
V
Current
I
I
internally limited
Inhibit
Voltage
V
INH
-42
45
V
Output
Voltage
V
Q
-1
32
V
Current
I
Q
internally limited
GND
Current
I
GND
50
mA
Temperature
Junction temperature
T
j
–150
°C–
Storage temperature
T
S
-50
150
°C–
Operating Range (TLE 4266 G)
Input voltage
V
I
5.5
45
V
Junction temperature
T
j
-40
150
°C–
Operating Range (TLE 4266 GSV10)
Input voltage
V
I
10.5
45
V
Junction temperature
T
j
-40
150
°C–
Thermal Resistance
Junction ambient
R
thj-a
–165
K/W
1)
Junction case
R
thj-pin
17
K/W
measured to pin 4
1) Package mounted on PCB 80
× 80 × 1.5 mm3; 35µ Cu; 5µ Sn; Footprint only; zero airflow.


Similar Part No. - TLE4266G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4266G SIEMENS-TLE4266G Datasheet
307Kb / 9P
   5-V Low-Drop Voltage Regulator
TLE4266G SIEMENS-TLE4266G Datasheet
46Kb / 9P
   5-V Low-Drop Voltage Regulator
TLE4266GSV10 SIEMENS-TLE4266GSV10 Datasheet
46Kb / 9P
   5-V Low-Drop Voltage Regulator
More results

Similar Description - TLE4266G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274_07 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4263 SIEMENS-TLE4263 Datasheet
104Kb / 16P
   5-V Low-Drop Voltage Regulator
TLE4265 SIEMENS-TLE4265 Datasheet
65Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4267 INFINEON-TLE4267_12 Datasheet
871Kb / 23P
   5-V Low Drop Voltage Regulator
2012-01-20 revision:2.51
logo
Integral Corp.
ILE4267 INTEGRAL-ILE4267 Datasheet
208Kb / 11P
   5-V Low-Drop Voltage Regulator
logo
IK Semicon Co., Ltd
ILE4267 IKSEMICON-ILE4267 Datasheet
244Kb / 10P
   5-V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4262 INFINEON-TLE4262 Datasheet
246Kb / 16P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2008-05-19
TLE4263 INFINEON-TLE4263_07 Datasheet
425Kb / 19P
   5-V Low Drop Voltage Regulator
Rev. 2.8, 2007-03-20
TLE4290 INFINEON-TLE4290_07 Datasheet
479Kb / 17P
   5-V Low Drop Voltage Regulator
Rev. 1.7, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com