Electronic Components Datasheet Search |
|
TLE4266GSV10 Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
TLE4266GSV10 Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 14 page Data Sheet 6 Rev. 2.5, 2008-03-10 TLE 4266 Table 4 Characteristics (TLE 4266 GSV10) V I = 13.5 V; -40 °C ≤ Tj ≤ 125 °C Parameter Symbol Limit Values Unit Test Condition Min. Typ. Max. Output voltage V Q 9.8 10 10.2 V 5 mA ≤ I Q ≤ 100 mA 11 V ≤ V I ≤ 21 V Output voltage V Q 9.8 10 10.2 V 1 mA ≤ I Q ≤ 50 mA 11 V ≤ V I ≤ 28 V Output-current limitation I Q 120 150 200 mA – Current consumption I q = II - IQ I q,off ––10 µA V INH = 0 V; T j ≤ 100 °C Current consumption I q = II - IQ I q – 350 500 µA I Q < 1 mA Inhibit ON Current consumption I q = II - IQ I q –715 mA I Q < 100 mA Inhibit ON Drop voltage V DR – 0.28 0.5 V I Q = 100 mA 1) Load regulation ∆V Q,Lo -80 – 80 mV I Q = 5 to 100 mA V I = 11 V Line regulation ∆V Q,Li -30 5 30 mV V I = 11 V to 28 V I Q = 5 mA Power supply ripple rejection PSRR –54 – dB f r = 100 Hz, V r = 0.5 Vpp Inhibit Inhibit on voltage V INH, on 3.5 – – V – Inhibit off voltage V INH, off ––0.8 V – Inhibit current I INH 512 25 µA V INH = 5 V 1) Drop voltage = V I - VQ measured when the output voltage VQ has dropped 100 mV from the nominal value. |
Similar Part No. - TLE4266GSV10 |
|
Similar Description - TLE4266GSV10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |