Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4266-2 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4266-2
Description  Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4266-2 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4266-2_08 Datasheet HTML 4Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 5Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 6Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 7Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 8Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 9Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 10Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 11Page - Infineon Technologies AG TLE4266-2_08 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TLE 4266-2
Revision History
Data Sheet
11
Rev. 1.4, 2008-03-10
Version
Date
Changes
Rev. 1.4
2008-03-10 Simplified package name to PG-SOT223-4.
No modification of released product.
Rev. 1.3
2007-03-20 Initial version of RoHS-compliant derivate of TLE 4266-2
Page 1: AEC certified statement added
Page 1 and Page 10: RoHS compliance statement and
Green product feature added
Page 1 and Page 10: Package changed to RoHS compliant
version
Legal Disclaimer updated


Similar Part No. - TLE4266-2_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4266-2G INFINEON-TLE4266-2G Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4266-2GSV33 INFINEON-TLE4266-2GSV33 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
More results

Similar Description - TLE4266-2_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_08 Datasheet
225Kb / 12P
   Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
80Kb / 12P
   5.0 V Low-Drop Voltage Regulator
August, 2004 ??Rev. 8
logo
Infineon Technologies A...
TLE4296 INFINEON-TLE4296_08 Datasheet
226Kb / 12P
   Low Drop Voltage Regulator Three versions: 3.0 V, 3.3 V, 5.0 V
Rev. 1.1, 2008-04-21
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
TLE4275V33 INFINEON-TLE4275V33 Datasheet
319Kb / 12P
   Linear Voltage Regulator 3.3 V Fixed Output Voltage
Rev. 1.0, 2006-09-22
TLE4295 INFINEON-TLE4295_08 Datasheet
177Kb / 10P
   Low Drop Voltage Regulator Four versions: 2.6 V, 3.0 V, 3.3 V, 5.0 V
Rev. 1.4, 2008-04-21
TLE4274 INFINEON-TLE4274_07 Datasheet
207Kb / 16P
   Low Drop Voltage Regulator Output voltage 5 V, 8.5 V or 10 V
Rev. 1.6, 2007-01-23
TLE4271-2 INFINEON-TLE4271-2_07 Datasheet
366Kb / 23P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.7, 2007-06-25
TLE4264 INFINEON-TLE4264_08 Datasheet
192Kb / 11P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4269 INFINEON-TLE4269_07 Datasheet
367Kb / 19P
   5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.4, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com