Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPA11N60CFD Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPA11N60CFD
Description  CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPA11N60CFD Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPA11N60CFD_10 Datasheet HTML 1Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 2Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 3Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 4Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 5Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 6Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 7Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 8Page - Infineon Technologies AG SPA11N60CFD_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPA11N60CFD
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
1200
-
pF
Output capacitance
C oss
-
390
-
Reverse transfer capacitance
C rss
-30-
Effective output capacitance, energy
related
4)
C o(er)
-45-
Effective output capacitance, time
related
5)
C o(tr)
-85-
Turn-on delay time
t d(on)
-34-
ns
Rise time
t r
-18-
Turn-off delay time
t d(off)
-43-
Fall time
t f
-7
-
Gate Charge Characteristics
Gate to source charge
Q gs
-9
-
nC
Gate to drain charge
Q gd
-23-
Gate charge total
Q g
-48
64
Gate plateau voltage
V plateau
-
7.5
-
V
1) Limited only by maximum temperature.
3) Repetitive avalanche causes additional power losses that can be calculated asP
AV=E AR*f.
4) C
o(er) is a fixed capacitance that gives the same stored energy as C oss while V DS is rising from 0 to 80% V DSS.
5) C
o(tr) is a fixed capacitance that gives the same charging time as C oss while V DS is rising from 0 to 80% V DSS.
0) J-STD20 and JESD22
2) Pulse width t
p limited by T j,max
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=480 V,
V GS=10 V, I D=11 A,
R G=6.8 Ω
V DD=480 V, I D=11 A,
V GS=0 to 10 V
V GS=0 V, V DS=0 V
to 480 V
Rev. 1.3
page 3
2010-01-12


Similar Part No. - SPA11N60CFD_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results

Similar Description - SPA11N60CFD_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP04N80C3 INFINEON-SPP04N80C3_08 Datasheet
395Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPI08N80C3 INFINEON-SPI08N80C3 Datasheet
360Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
IPW50R250CP INFINEON-IPW50R250CP Datasheet
537Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.0 2007-11-07
SPP06N60C3 INFINEON-SPP06N60C3_09 Datasheet
228Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.4 2009-11-27
SPD02N80C3 INFINEON-SPD02N80C3_08 Datasheet
281Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP08N80C3 INFINEON-SPP08N80C3_08 Datasheet
398Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPA11N80C3 INFINEON-SPA11N80C3_08 Datasheet
295Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPD04N80C3 INFINEON-SPD04N80C3_08 Datasheet
442Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
SPP06N60C3 INFINEON-SPP06N60C3_07 Datasheet
258Kb / 11P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 1.3 2007-08-28
SPP02N80C3 INFINEON-SPP02N80C3_08 Datasheet
394Kb / 10P
   CoolMOSTM Power Transistor Features New revolutionary high voltage technology
Rev. 2.9 2008-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com