Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI06CN10NG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPI06CN10NG
Description  OptiMOS?? Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI06CN10NG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPI06CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPI06CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IPB06CN10N G
IPI06CN10N G
IPP06CN10N G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
6920
9200
pF
Output capacitance
C oss
-
1050
1400
Reverse transfer capacitance
C rss
-58
87
Turn-on delay time
t d(on)
-17
26
ns
Rise time
t r
-27
40
Turn-off delay time
t d(off)
-26
39
Fall time
t f
-7
10
Gate Charge Characteristics
6)
Gate to source charge
Q gs
-36
49
nC
Gate to drain charge
Q gd
-25
37
Switching charge
Q sw
-40
58
Gate charge total
Q g
-
104
139
Gate plateau voltage
V plateau
-
5.3
-
V
Output charge
Q oss
V DD=50 V, V GS=0 V
-
111
148
nC
Reverse Diode
Diode continous forward current
I S
-
-
100
A
Diode pulse current
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=100 A,
T j=25 °C
-
1
1.2
V
Reverse recovery time
t rr
-
110
ns
Reverse recovery charge
Q rr
-
295
-
nC
6) See figure 16 for gate charge parameter definition
V R=50 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=50 V,
f
=1 MHz
V DD=50 V, V GS=10 V,
I D=50 A, R G=1.6 Ω
V DD=50 V, I D=100 A,
V GS=0 to 10 V
Rev. 1.93
page 3
2010-01-18


Similar Part No. - IPI06CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI06CN10NG INFINEON-IPI06CN10NG Datasheet
524Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
More results

Similar Description - IPI06CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com