Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTMA080302M Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTMA080302M
Description  Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTMA080302M Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTMA080302M Datasheet HTML 2Page - Infineon Technologies AG PTMA080302M Datasheet HTML 3Page - Infineon Technologies AG PTMA080302M Datasheet HTML 4Page - Infineon Technologies AG PTMA080302M Datasheet HTML 5Page - Infineon Technologies AG PTMA080302M Datasheet HTML 6Page - Infineon Technologies AG PTMA080302M Datasheet HTML 7Page - Infineon Technologies AG PTMA080302M Datasheet HTML 8Page - Infineon Technologies AG PTMA080302M Datasheet HTML 9Page - Infineon Technologies AG PTMA080302M Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
6 of 11
Rev. 04, 2010-04-16
PTMA080302M
Confidential, Limited Internal Distribution
Broadband Circuit Impedance
Z Load
D
S
IN
0. 1
0. 2
700 MHz
1000 MHz
Z Load
Z0 = 50
Ω
Frequency
Z Load
Ω
Ω
Ω
Ω
Ω
MHz
R
jX
700
11.7
–4.5
720
11.0
–4.0
740
10.3
–3.6
760
9.8
–3.1
780
9.3
–2.6
800
8.9
–2.1
820
8.6
–1.6
840
8.3
–1.0
860
8.0
–0.5
880
7.8
0.0
900
7.7
0.6
920
7.6
1.1
940
7.5
1.7
960
7.4
2.3
980
7.4
2.9
1000
7.5
3.5
Gate – Source Voltage vs. Temperature
VDD = 28 V, IDQ1 = 120 mA, IDQ2 = 280 mA
0.85
0.90
0.95
1.00
1.05
1.10
1.15
-30
-10
10
30
50
70
90
Temperature (°C)
Slope = –1.3 mV/°C
VGS1
VGS2
Typical Performance (cont.)


Similar Part No. - PTMA080302M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
   Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
More results

Similar Description - PTMA080302M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTMA080152M INFINEON-PTMA080152M_10 Datasheet
350Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09
PTMA080152M INFINEON-PTMA080152M Datasheet
197Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16
PTMA080304M INFINEON-PTMA080304M Datasheet
674Kb / 16P
   Dual Wideband RF LDMOS Power Amplifier 30 W, 700-1000 MHz
Rev. 02, 2010-06-02
logo
Cree, Inc
PTMA080152M CREE-PTMA080152M Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
PTMA080152 CREE-PTMA080152 Datasheet
814Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 700 ??1000 MHz
logo
Infineon Technologies A...
PTMA210452EL INFINEON-PTMA210452EL Datasheet
387Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01
PTMA180402EL INFINEON-PTMA180402EL Datasheet
443Kb / 11P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31
PTMA180402M INFINEON-PTMA180402M Datasheet
352Kb / 14P
   Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17
PTMA210152M INFINEON-PTMA210152M Datasheet
242Kb / 15P
   Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com