Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDC04D60F6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIDC04D60F6
Description  Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC04D60F6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC04D60F6_10 Datasheet HTML 1Page - Infineon Technologies AG SIDC04D60F6_10 Datasheet HTML 2Page - Infineon Technologies AG SIDC04D60F6_10 Datasheet HTML 3Page - Infineon Technologies AG SIDC04D60F6_10 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC04D60F6
Edited by INFINEON Technologies, IMM PSD, L4334M, Edition 2.1, 09.03.2010
Fast switching diode
This chip is used for:
power modules and discrete
devices
Features:
600V Emitter Controlled technology 70 µm
chip
soft , fast switching
low reverse recovery charge
small temperature coefficient
Applications:
SMPS, resonant applications,
drives
A
C
Chip Type
VR
IF
Die Size
Package
SIDC04D60F6
600V
9A
1.85 x 1.85 mm2
sawn on foil
Mechanical Parameters
Raster size
1.85 x 1.85
Area total
3.42
Anode pad size
1.368 x 1.368
mm
2
Thickness
70
µm
Wafer size
150
mm
Max. possible chips per wafer
4497
Passivation frontside
Photoimide
Pad metal
3200 nm AlSiCu
Backside metal
Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al,
≤250µm
Reject ink dot size
∅ 0.65mm; max 1.2mm
Recommended storage environment
Store in original container, in dry nitrogen, in dark
environment, < 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC04D60F6_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC04D60F6 INFINEON-SIDC04D60F6 Datasheet
67Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 2, 14.05.2003
More results

Similar Description - SIDC04D60F6_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC09D60F6 INFINEON-SIDC09D60F6_10 Datasheet
107Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC14D60F6 INFINEON-SIDC14D60F6_10 Datasheet
107Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC07D60F6 INFINEON-SIDC07D60F6_10 Datasheet
107Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip soft , fast switching
Edition 2.1, 09.03.2010
SIDC07D60AF6 INFINEON-SIDC07D60AF6_10 Datasheet
114Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC06D60F6 INFINEON-SIDC06D60F6_10 Datasheet
115Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC03D60F6 INFINEON-SIDC03D60F6_10 Datasheet
114Kb / 4P
   Fast switching diode 600V Emitter Controlled technology 70 關m chip
Edition 2.1, 09.03.2010
SIDC42D170E6 INFINEON-SIDC42D170E6_08 Datasheet
60Kb / 4P
   Fast switching diode chip in Emitter Controlled -Technology
Edition 1.2, 28.07.2008
SIDC23D120H8 INFINEON-SIDC23D120H8 Datasheet
201Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC30D120H8 INFINEON-SIDC30D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC105D120H8 INFINEON-SIDC105D120H8 Datasheet
223Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com