Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDC73D170E6 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SIDC73D170E6
Description  Fast switching diode chip in Emitter Controlled -Technology small temperature coefficient
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SIDC73D170E6 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SIDC73D170E6 Datasheet HTML 1Page - Infineon Technologies AG SIDC73D170E6 Datasheet HTML 2Page - Infineon Technologies AG SIDC73D170E6 Datasheet HTML 3Page - Infineon Technologies AG SIDC73D170E6 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SIDC73D170E6
Edited by INFINEON Technologies, AIM PMD D CID CLS, L4381N, Edition 1.2, 28.0 7.2008
Fast switching diode chip in Emitter Controlled -Technology
This chip is used for:
power modules and discrete
devices
Features:
1700V technology, Emitter Controlled
soft, fast switching
low reverse recovery charge
small temperature coefficient
Applications:
SMPS, resonant applications,
drives
A
C
Chip Type
VR
IF
Die Size
Package
SIDC73 D170E6
1700V
100A
8.53 x 8.53 mm
2
sawn on foil
Mechanical Parameter
Raster size
8.53 x 8.53
Area total
72.76
Anode pad size
6.51 x 6.51
mm
2
Thickness
200
µm
Wafer size
150
mm
Max. possible chips per wafer
189
Passivation frontside
Photoimide
Pad metal
3200 nm AlSiCu
Backside metal
Ni Ag –system
suitable for epoxy and soft solder die bonding
Die bond
Electrically conductive glue or solder
Wire bond
Al,
≤500µm
Reject ink dot size
∅ 0.65mm; max 1.2mm
Recommended storage environment
Store in original container, in dry nitrogen,in dark
environment, < 6 month at an ambient temperature of 23°C


Similar Part No. - SIDC73D170E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC73D170E6 INFINEON-SIDC73D170E6 Datasheet
68Kb / 4P
   Fast switching diode chip in EMCON-Technology
Edition 1, 28.02.02
More results

Similar Description - SIDC73D170E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIDC14D60C6 INFINEON-SIDC14D60C6_07 Datasheet
60Kb / 4P
   Fast switching diode chip in EMCON 3 -Technology small temperature coefficient
Edition 1.1, 10.07.2006
SIDC42D170E6 INFINEON-SIDC42D170E6_08 Datasheet
60Kb / 4P
   Fast switching diode chip in Emitter Controlled -Technology
Edition 1.2, 28.07.2008
SIDC23D120H8 INFINEON-SIDC23D120H8 Datasheet
201Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC30D120H8 INFINEON-SIDC30D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC105D120H8 INFINEON-SIDC105D120H8 Datasheet
223Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC10D120H8 INFINEON-SIDC10D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC56D170E6 INFINEON-SIDC56D170E6_08 Datasheet
59Kb / 4P
   Fast switching diode chip in Emitter Controlled -Technology
Edition 1.2, 28.07.2008
SIDC42D120H8 INFINEON-SIDC42D120H8 Datasheet
210Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
SIDC14D120H8 INFINEON-SIDC14D120H8 Datasheet
186Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev. 2.2, 14.10.2015
SIDC53D120H8 INFINEON-SIDC53D120H8 Datasheet
211Kb / 5P
   Fast switching diode chip in Emitter Controlled Technology
Rev 2.1, 14.10.2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com