Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6127IRGC Datasheet(PDF) 8 Page - Texas Instruments

Part # CC430F6127IRGC
Description  MSP430 SoC with RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6127IRGC Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC430F6127IRGC Datasheet HTML 4Page - Texas Instruments CC430F6127IRGC Datasheet HTML 5Page - Texas Instruments CC430F6127IRGC Datasheet HTML 6Page - Texas Instruments CC430F6127IRGC Datasheet HTML 7Page - Texas Instruments CC430F6127IRGC Datasheet HTML 8Page - Texas Instruments CC430F6127IRGC Datasheet HTML 9Page - Texas Instruments CC430F6127IRGC Datasheet HTML 10Page - Texas Instruments CC430F6127IRGC Datasheet HTML 11Page - Texas Instruments CC430F6127IRGC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
RAM
4kB
2kB
Power
Mgmt
LDO
SVM/SVS
Brownout
TA0
5 CC
Registers
EEM
(S: 3+1)
RTC_A
Comp_B
Flash
32
kB
16kB
8kB
SMCLK
ACLK
MDB
MAB
XOUT
XIN
Spy-Bi-
Wire
CRC16
Bus
Cntrl
Logic
MAB
MDB
MAB
MDB
MCLK
USCI_A0
(UART,
IrDA, SPI)
USCI_B0
(SPI, I2C)
I/O Ports
P1/P2
2x8 I/Os
PA
1x16 I/Os
P1.x/P2.x
2x8
I/O Ports
P3
1x8 I/Os
P3.x
1x8
I/O Ports
P5
1x2 I/Os
P5.x
1x2
AES128
Security
En-/De-
cryption
RF_XOUT
RF_XIN
RF_N
RF_P
MODEM
RF/ANALOG
TX & RX
Frequency
Synthesizer
CPU Interface
Packet
Handler
Digital RSSI
Carrier Sense
PQI / LQI
CCA
Sub-1GHz
Radio
(CC1101)
MPY32
ADC12
(32kHz)
(26MHz)
Unified
Clock
System
JTAG
Interface
DMA
Controller
3 Channel
SYS
Port
Mapping
Controller
Watch-
dog
REF
Voltage
Reference
CPUXV2
incl. 16
Registers
TA1
3 CC
Registers
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
www.ti.com
CC430F513x Functional Block Diagram
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - CC430F6127IRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6127IRGC TI-CC430F6127IRGC Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F6127IRGC TI-CC430F6127IRGC Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F6127IRGC TI-CC430F6127IRGC Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F6127IRGCR TI-CC430F6127IRGCR Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F6127IRGCT TI-CC430F6127IRGCT Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F6127IRGC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com