Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG6I320UPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRG6I320UPBF
Description  PDP TRENCCH IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG6I320UPBF Datasheet(HTML) 3 Page - International Rectifier

  IRG6I320UPBF Datasheet HTML 1Page - International Rectifier IRG6I320UPBF Datasheet HTML 2Page - International Rectifier IRG6I320UPBF Datasheet HTML 3Page - International Rectifier IRG6I320UPBF Datasheet HTML 4Page - International Rectifier IRG6I320UPBF Datasheet HTML 5Page - International Rectifier IRG6I320UPBF Datasheet HTML 6Page - International Rectifier IRG6I320UPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRG6I320UPbF
www.irf.com
3
Fig 1. Typical Output Characteristics @ 25°C
Fig 3. Typical Output Characteristics @ 125°C
Fig 4. Typical Output Characteristics @ 150°C
Fig 2. Typical Output Characteristics @ 75°C
Fig 5. Typical Transfer Characteristics
Fig 6. VCE(ON) vs. Gate Voltage
0
5
10
15
20
VGE, Voltage Gate-to-Emitter (V)
0
5
10
15
20
25
TJ = 25°C
TJ = 150°C
IC = 12A
0
1
2
3
4
5
6
7
8
9 10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
VGE = 6.0V
0
1
2
3
4
5
6
7
8
9
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
VGE = 6.0V
0
1
2
3
4
5
6
7
8
9
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
VGE = 6.0V
0
1
2
3
4
5
6
7
8
9
10
VCE (V)
0
20
40
60
80
100
120
140
160
180
200
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
VGE = 6.0V
2468
10
12
14
VGE, Gate-to-Emitter Voltage (V)
0
20
40
60
80
100
120
140
160
TJ = 25°C
TJ = 150°C


Similar Part No. - IRG6I320UPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
More results

Similar Description - IRG6I320UPBF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGD4536 FAIRCHILD-FGD4536 Datasheet
689Kb / 8P
   360V, PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGB4065PBF IRF-IRGB4065PBF Datasheet
785Kb / 9P
   PDP TRENCH IGBT
logo
Fairchild Semiconductor
FGA120N30D FAIRCHILD-FGA120N30D Datasheet
746Kb / 9P
   300V PDP IGBT
logo
International Rectifier
IRGI4055PBF IRF-IRGI4055PBF Datasheet
251Kb / 7P
   PDP TRENCH IGBT
IRGP4086PBF IRF-IRGP4086PBF Datasheet
247Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com