Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM41035 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM41035
Description  LOW VOLTAGE GAIN ADJUST SINGLE ISOLATION AMPLIFIER WITH LPF
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM41035 Datasheet(HTML) 3 Page - New Japan Radio

  NJM41035 Datasheet HTML 1Page - New Japan Radio NJM41035 Datasheet HTML 2Page - New Japan Radio NJM41035 Datasheet HTML 3Page - New Japan Radio NJM41035 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Ver.6
NJM41035
- 3 -
s
s
s
s TERMINAL FUNCTION (V+= 5.0V)
PIN No.
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
DC VOLTAGE
1
4
VGND
VIN
GND input
Video input
2.5V
2
V+
Power supply
-
3
VREF
Reference voltage
2.5V
5
GND
GND
-
6
OUT
Video out
1.4V
7
CL
Isolation input
2.2V
8
VT
Isolation output
2.5V
VCC
GND
270
VCC
GND
150
VCC
200
GND
200
VCC
GND
150
150
VCC
GND
250


Similar Part No. - NJM41035

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM41030 NJRC-NJM41030 Datasheet
69Kb / 4P
   Operating Voltage Operating temperature range Small Package
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
   VIDEO AMPLIFIER WITH LPF
More results

Similar Description - NJM41035

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2560 NJRC-NJM2560 Datasheet
84Kb / 4P
   SELECTABLE GAIN TYPE LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575 NJRC-NJM2575 Datasheet
805Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2571 NJRC-NJM2571 Datasheet
450Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2576 NJRC-NJM2576 Datasheet
434Kb / 8P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2563 NJRC-NJM2563 Datasheet
118Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561 NJRC-NJM2561 Datasheet
128Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2561A NJRC-NJM2561A Datasheet
95Kb / 5P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2575F1-TE1 NJRC-NJM2575F1-TE1 Datasheet
812Kb / 11P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2578 NJRC-NJM2578 Datasheet
828Kb / 9P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com