Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC430F6127IRGCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC430F6127IRGCT
Description  MSP430 SoC with RF Core
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC430F6127IRGCT Datasheet(HTML) 1 Page - Texas Instruments

  CC430F6127IRGCT Datasheet HTML 1Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 2Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 3Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 4Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 5Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 6Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 7Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 8Page - Texas Instruments CC430F6127IRGCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554E – MAY 2009 – REVISED NOVEMBER 2010
MSP430™ SoC with RF Core
1
FEATURES
True System-on-Chip (SoC) for Low-Power
High-Performance Sub-1-GHz RF Transceiver
Wireless Communication Applications
Core
Wide Supply Voltage Range: 1.8 V to 3.6 V
Same as in CC1101
Ultra-Low Power Consumption:
Wide Supply Voltage Range: 2.0 V to 3.6 V
CPU Active Mode (AM): 160 µA/MHz
Frequency Bands: 300 MHz to 348 MHz,
389 MHz to 464 MHz, and 779 MHz to
Standby Mode (LPM3 RTC Mode):2.0 µA
928 MHz
Off Mode (LPM4 RAM Retention): 1.0 µA
Programmable Data Rate From 0.6 kBaud
Radio in RX: 15 mA, 250 kbps, 915 MHz
to 500 kBaud
MSP430™ System and Peripherals
High Sensitivity (-117 dBm at 0.6 kBaud,
16-Bit RISC Architecture, Extended
-111 dBm at 1.2 kBaud, 315 MHz, 1% Packet
Memory, up to 20-MHz System Clock
Error Rate)
Wake-Up From Standby Mode in Less
Excellent Receiver Selectivity and Blocking
Than 6 µs
Performance
Flexible Power Management System with
Programmable Output Power Up to +12
SVS and Brownout
dBm for All Supported Frequencies
Unified Clock System with FLL
2-FSK, 2-GFSK, and MSK Supported as well
16-Bit Timer TA0, Timer_A with Five
as OOK and Flexible ASK Shaping
Capture/Compare Registers
Flexible Support for Packet-Oriented
16-Bit Timer TA1, Timer_A with Three
Systems: On-Chip Support for Sync Word
Capture/Compare Registers
Detection, Address Check, Flexible Packet
Hardware Real-Time Clock
Length, and Automatic CRC Handling
Two Universal Serial Communication
Support for Automatic Clear Channel
Interfaces
Assessment (CCA) Before Transmitting (for
Listen-Before-Talk Systems)
USCI_A0 supporting UART, IrDA, SPI
Digital RSSI Output
USCI_B0 supporting I2C, SPI
Suited for Systems Targeting Compliance
12-Bit A/D Converter With Internal
With EN 300 220 (Europe) and
Reference, Sample-and-Hold, and Autoscan
FCC CFR Part 15 (US)
Features (CC430F613x and CC430F513x
Only)
Suited for Systems Targeting Compliance
With Wireless M-Bus Standard EN
Comparator
13757-4:2005
Integrated LCD Driver With Contrast
Support for Asynchronous and
Control for up to 96 Segments
Synchronous Serial Receive/Transmit Mode
(CC430F61xx Only)
for Backward Compatibility With Existing
128-bit AES Security Encryption/Decryption
Radio Communication Protocols
Coprocessor
Family Members are Summarized in Table 1.
32-Bit Hardware Multiplier
For Complete Module Descriptions, See the
Three-Channel Internal DMA
CC430 Family User's Guide (SLAU259).
Serial Onboard Programming, No External
Programming Voltage Needed
Embedded Emulation Module (EEM)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC430F6127IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F6127IRGCT TI-CC430F6127IRGCT Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
More results

Similar Description - CC430F6127IRGCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
FET430F6137RF900 TI-FET430F6137RF900 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F613X TI-CC430F613X_12 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com