Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCK946 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK946
Description  Low voltage 1 : 10 CMOS clock driver 3-stateable outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCK946 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK946 Datasheet HTML 5Page - NXP Semiconductors PCK946 Datasheet HTML 6Page - NXP Semiconductors PCK946 Datasheet HTML 7Page - NXP Semiconductors PCK946 Datasheet HTML 8Page - NXP Semiconductors PCK946 Datasheet HTML 9Page - NXP Semiconductors PCK946 Datasheet HTML 10Page - NXP Semiconductors PCK946 Datasheet HTML 11Page - NXP Semiconductors PCK946 Datasheet HTML 12Page - NXP Semiconductors PCK946 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
9397 750 12296
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 December 2005
10 of 13
Philips Semiconductors
PCK946
Low voltage 1 : 10 CMOS clock driver
– smaller than 1.27 mm, the footprint longitudinal axis must be parallel to the
transport direction of the printed-circuit board.
The footprint must incorporate solder thieves at the downstream end.
For packages with leads on four sides, the footprint must be placed at a 45
° angle to
the transport direction of the printed-circuit board. The footprint must incorporate
solder thieves downstream and at the side corners.
During placement and before soldering, the package must be fixed with a droplet of
adhesive. The adhesive can be applied by screen printing, pin transfer or syringe
dispensing. The package can be soldered after the adhesive is cured.
Typical dwell time of the leads in the wave ranges from 3 seconds to 4 seconds at 250
°C
or 265
°C, depending on solder material applied, SnPb or Pb-free respectively.
A mildly-activated flux will eliminate the need for removal of corrosive residues in most
applications.
12.4 Manual soldering
Fix the component by first soldering two diagonally-opposite end leads. Use a low voltage
(24 V or less) soldering iron applied to the flat part of the lead. Contact time must be
limited to 10 seconds at up to 300
°C.
When using a dedicated tool, all other leads can be soldered in one operation within
2 seconds to 5 seconds between 270
°C and 320 °C.
12.5 Package related soldering information
[1]
For more detailed information on the BGA packages refer to the
(LF)BGA Application Note (AN01026);
order a copy from your Philips Semiconductors sales office.
[2]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the
maximum temperature (with respect to time) and body size of the package, there is a risk that internal or
external package cracks may occur due to vaporization of the moisture in them (the so called popcorn
effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated Circuit
Packages; Section: Packing Methods.
[3]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no
account be processed through more than one soldering cycle or subjected to infrared reflow soldering with
peak temperature exceeding 217
°C ± 10 °C measured in the atmosphere of the reflow oven. The package
body peak temperature must be kept as low as possible.
Table 9:
Suitability of surface mount IC packages for wave and reflow soldering methods
Package [1]
Soldering method
Wave
Reflow [2]
BGA, HTSSON..T [3], LBGA, LFBGA, SQFP,
SSOP..T [3], TFBGA, VFBGA, XSON
not suitable
suitable
DHVQFN, HBCC, HBGA, HLQFP, HSO, HSOP,
HSQFP, HSSON, HTQFP, HTSSOP, HVQFN,
HVSON, SMS
not suitable [4]
suitable
PLCC [5], SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended [5] [6]
suitable
SSOP, TSSOP, VSO, VSSOP
not recommended [7]
suitable
CWQCCN..L [8], PMFP [9], WQCCN..L [8]
not suitable
not suitable


Similar Part No. - PCK946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK940LBD PHILIPS-PCK940LBD Datasheet
87Kb / 16P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
PCK942C NXP-PCK942C Datasheet
69Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942CBD NXP-PCK942CBD Datasheet
69Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-15 February 2006
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
   Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
More results

Similar Description - PCK946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
   LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
   3.3V 1:10 CMOS Clock Driver
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
logo
Texas Instruments
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
   Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
PulseCore Semiconductor
ASM2P3807A PULSECORE-ASM2P3807A Datasheet
662Kb / 18P
   3.3V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com