Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52H-B2V7 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZT52H-B2V7
Description  Single Zener diodes in a SOD123F package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZT52H-B2V7 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZT52H-B2V7 Datasheet HTML 1Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 2Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 3Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 4Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 5Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 6Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 7Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 8Page - NXP Semiconductors BZT52H-B2V7 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BZT52H_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 7 December 2010
5 of 13
NXP Semiconductors
BZT52H series
Single Zener diodes in a SOD123F package
[1]
f = 1 MHz; VR =0V.
[2]
tp = 100 μs; Tamb =25 °C.
9V1
B
8.92
9.28
100
10
0.5
6
3.8
7.0
150
3.0
C8.5
9.6
10
B
9.8
10.2
70
10
0.2
7
4.5
8.0
90
3.0
C
9.4
10.6
11
B
10.8
11.2
70
10
0.1
8
5.4
9.0
85
2.5
C
10.4
11.6
12
B
11.8
12.2
90
10
0.1
8
6.0
10.0
85
2.5
C
11.4
12.7
13
B
12.7
13.3
110
10
0.1
8
7.0
11.0
80
2.5
C
12.4
14.1
15
B
14.7
15.3
110
15
0.05
10.5
9.2
13.0
75
2.0
C
13.8
15.6
16
B
15.7
16.3
170
20
0.05
11.2
10.4
14.0
75
1.5
C
15.3
17.1
18
B
17.6
18.4
170
20
0.05
12.6
12.4
16.0
70
1.5
C
16.8
19.1
20
B
19.6
20.4
220
20
0.05
14
14.4
18.0
60
1.5
C
18.8
21.2
22
B
21.6
22.4
220
25
0.05
15.4
16.4
20.0
60
1.25
C
20.8
23.3
24
B
23.5
24.5
220
30
0.05
16.8
18.4
22.0
55
1.25
C
22.8
25.6
Table 8.
Characteristics per type; BZT52H-B2V4 to BZT52H-C24 …continued
Tj =25 °C unless otherwise specified.
BZT52H
-xxx
Sel
Working
voltage
VZ (V);
IZ =5mA
Maximum differential
resistance rdif (Ω)
Reverse
current IR (μA)
Temperature
coefficient
SZ (mV/K);
IZ =5mA
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
Min
Max
IZ =1mA
IZ =5mA
Max
VR (V)
Min
Max
Max
Max


Similar Part No. - BZT52H-B2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-B2V7 PHILIPS-BZT52H-B2V7 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B2V7 PHILIPS-BZT52H-B2V7 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
logo
Nexperia B.V. All right...
BZT52H-B2V7 NEXPERIA-BZT52H-B2V7 Datasheet
333Kb / 14P
   Voltage regulator diodes
Rev. 7 - 1 January 2023
BZT52H-B2V7-Q NEXPERIA-BZT52H-B2V7-Q Datasheet
314Kb / 14P
   Voltage regulator diodes
Rev. 1 - 4 October 2021
More results

Similar Description - BZT52H-B2V7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
   Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
   Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
PZUXB PHILIPS-PZUXB Datasheet
64Kb / 12P
   Single Zener diodes in a SOD323F package
Rev. 01-7 March 2006
logo
Nexperia B.V. All right...
PDZ-GW NEXPERIA-PDZ-GW Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
BZT52_SER NEXPERIA-BZT52_SER Datasheet
198Kb / 13P
   Single Zener diodes in a SOD123 package
Rev. 1 - 16 March 2017
PZUXBL_SER NEXPERIA-PZUXBL_SER Datasheet
261Kb / 12P
   Single Zener diodes in a SOD882 package
Rev. 2 - 11 November 2019
BZT52-B_SER NEXPERIA-BZT52-B_SER Datasheet
181Kb / 11P
   Single Zener diodes in a SOD123 package
Rev. 1 - 20 December 2017
PDZ-GW_SER NEXPERIA-PDZ-GW_SER Datasheet
238Kb / 12P
   Single Zener diodes in a SOD123 package
Rev. 1 - 4 September 2017
PZUXB_SER NEXPERIA-PZUXB_SER Datasheet
259Kb / 12P
   Zener diodes in a SOD323F package
Rev. 5 - 2 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com