Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34911G5AC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34911G5AC
Description  LIN System Basis Chip with DC Motor Pre-driver
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34911G5AC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34911G5AC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34911G5AC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33911
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
MC33911G5AC/MC3433911G5AC
MISO SPI OUTPUT PIN (MISO)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
1.0
V
High-state Output Voltage
IOUT = -250 µA
VOH
VDD -0.9
VDD
V
Tri-state Leakage Current
0 V
VMISO VDD
ITRIMISO
-10
10
µA
SPI INPUT PINS (MOSI, SCLK, CS)
Low-state Input Voltage
VIL
-0.3
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
VDD +0.3
V
MOSI, SCLK Input Current
0 V
VIN VDD
IIN
-10
10
µA
CS Pull-up Current
0 V < VIN < 3.5 V
IPUCS
10
20
30
µA
INTERRUPT OUTPUT PIN
(IRQ)
Low-state Output Voltage
IOUT = 1.5 mA
VOL
0.0
0.8
V
High-state Output Voltage
IOUT = -250 µA
VOH
VDD -0.8
VDD
V
Leakage Current
VDD ≤ VOUT ≤ 10 V
IOUT
2.0
mA
PULSE WIDTH MODULATION INPUT PIN (PWMIN)
Low-state Input Voltage
VIL
-0.3
0.3 x VDD
V
High-state Input Voltage
VIH
0.7 x VDD
VDD +0.3
V
Pull-up current
0 V < VIN < 3.5 V
IPUPWMIN
10
20
30
µA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 18 V, -40°C ≤ TA ≤ 125°C for the 33911 and -40°C ≤ TA ≤ 85°C for the
34911, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC34911G5AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34911BAC FREESCALE-MC34911BAC Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
MC34911BACR2 FREESCALE-MC34911BACR2 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
More results

Similar Description - MC34911G5AC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com