Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9060LR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9060LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9060LR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9060LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9060LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
RF Device Data
Freescale Semiconductor
MRF9060LR1
TYPICAL CHARACTERISTICS
100
−70
0
0.1
10
1
−10
−20
−30
−40
−50
−60
10
100
8
10
12
14
16
18
20
0
10
20
30
40
50
60
Pout, OUTPUT POWER (WATTS) PEP
f, FREQUENCY (MHz)
930
18
Figure 3. Class AB Broadband Circuit Performance
14
11
10
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Power Gain versus Output Power
Figure 5. Intermodulation Distortion versus
Output Power
15
13
12
17
16
935
940
945
950
955
960
Pout, OUTPUT POWER (WATTS) AVG.
Pout, OUTPUT POWER (WATTS) PEP
Figure 6. Intermodulation Distortion Products
versus Output Power
Figure 7. Power Gain and Efficiency versus
Output Power
−38
−36
−34
−32
−30
35
40
45
50
−10
−18
−14
Gps
h
IMD
IRL
Gps
h
VDD = 26 Vdc
IDQ = 450 mA
f = 945 MHz
VDD = 26 Vdc
Pout = 60 W (PEP)
IDQ = 450 mA
1
10
100
500 mA
IDQ = 650 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
450 mA
275 mA
VDD = 26 Vdc
f1 = 945 MHz
f2 = 945.1 MHz
IDQ = 275 mA
−12
−16
18
17.5
17
16.5
16
15.5
15
1
10
100
−20
−25
−30
−40
−45
−50
−60
450 mA
500 mA
650 mA
3rd Order
5th Order
7th Order
−35
−55
Two−Tone Measurement,
100 kHz Tone Spacing
VDD = 26 Vdc
IDQ = 450 mA
f1 = 945 MHz
f2 = 945.1 MHz


Similar Part No. - MRF9060LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1 Datasheet
237Kb / 12P
   RF Power Field Effect Transistors N−Channel Enhancement−Mode Lateral MOSFETs
More results

Similar Description - MRF9060LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com