Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33218ADW Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33218ADW
Description  Voice Switched Speakerphone with Microprocessor Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33218ADW Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33218ADW Datasheet HTML 6Page - Motorola, Inc MC33218ADW Datasheet HTML 7Page - Motorola, Inc MC33218ADW Datasheet HTML 8Page - Motorola, Inc MC33218ADW Datasheet HTML 9Page - Motorola, Inc MC33218ADW Datasheet HTML 10Page - Motorola, Inc MC33218ADW Datasheet HTML 11Page - Motorola, Inc MC33218ADW Datasheet HTML 12Page - Motorola, Inc MC33218ADW Datasheet HTML 13Page - Motorola, Inc MC33218ADW Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
MC33218A
10
MOTOROLA ANALOG IC DEVICE DATA
100
100
f, FREQUENCY (Hz)
Figure 10. Level Detector AC Transfer
Characteristics versus Frequency
300
1.0 k
10 k
20
–20
60
0
0
200
Figure 11. Level Detector DC
Transfer Characteristics
100
0
–100
150
50
Iin, DC INPUT CURRENT (µA)
–40
–80
–120
–160
–200
INPUT VOLTAGE (V)
60
Figure 12. CD Input Characteristics (Pin 8)
40
20
0
0
1.0
2.0
3.0
5.0
7.0
4.0
6.0
Valid for Vin ≤ VCC
2.0
µA
Vout
1.0
µF
500
TLI
RLI
XDI
TLO
RLO
CP2
Iin
Figure 13. Power Supply Current
0
4.0
0
6.0
IB, OUTPUT CURRENT (mA)
VCC (V)
Figure 14. VB Output Characteristics
3.0
2.0
1.0
5.0
3.0
2.0
0
– 0.5
–1.0
–1.5
1.0
2.0
3.0
4.0
5.0
6.0
1.0
0
4.0
7.0
200
100
f, FREQUENCY (Hz) at VCC
Figure 15. VB Power Supply Rejection versus
Frequency and VB Capacitor
80
60
20
0
1.0 k
10 k
20 k
40
2.0
µA
Vout
1.0
µF
500
TLI
RLI
XDI
TLO
RLO
CP2
Vin
@ 1.0 kHz
C
5.1 k
Vin = 100 mVrms
VB
0.1
µF
–50
VB
CD
≤ 0.8 V
Idle Mode
2.0 V
≤ CD ≤ VCC
VCC = 6.5 V
150
µA
VCC = 5.0 V
VCC = 4.0 V
VCC = 3.0 V
–2.0
CVB = 1000 µF
CVB = 100 µF
CVB = 33 µF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33218ADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33218 MOTOROLA-MC33218 Datasheet
41Kb / 1P
   Voice Switched Speakerphone circuit
More results

Similar Description - MC33218ADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
   Voice Switched Speakerphone
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com