Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33493A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC33493A
Description  PLL Tuned UHF Transmitter for Data Transfer Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33493A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33493A Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33493A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MC33493A
Rev. 2, 07/2007
© Freescale Semiconductor, Inc., 2007. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MC33493A
DATA
GND
XTAL0
REXT
CFSK
VCC
RFOUT
GNDRF
VCC
ENABLE
1
2
3
7
4
5
6
8
13
12
11
10
9
14
XTAL1
DATACLK
MODE
BAND
PIN CONNECTIONS
Selectable frequency bands:
315—434 MHz and 868—928 MHz
On Off Keying (OOK) and Frequency Shift Keying
(FSK) modulation
Adjustable output power range
Fully integrated voltage control regulator (VCO)
Supply voltage range: 1.9—3.6 V
Very low standby current: 0.1 nA @ TA=25 °C
Low-supply voltage shutdown
Data clock output for microcontroller
Extended temperature range: –20 to 85
°C
Low external component count
Typical application compliant with European
Telecommunications Standards Institute (ETSI)
standard
PLL Tuned UHF Transmitter
for Data Transfer
Applications
Ordering Information
Device
Ambient
Temperature
Range
Package
MC33493ADTB
–20
°C to 85°C TSSOP14
MC3493ADTBE
–20
°C to 85°C TSSOP14
(ROHS)


Similar Part No. - MC33493A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
MC33493ADTB NXP-MC33493ADTB Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
More results

Similar Description - MC33493A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33492 MOTOROLA-MC33492 Datasheet
849Kb / 16P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493DTBR2 FREESCALE-MC33493DTBR2 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer Applications
logo
Motorola, Inc
MC33493 MOTOROLA-MC33493 Datasheet
595Kb / 20P
   PLL tuned UHF Transmitter for Data Transfer Applications
logo
Freescale Semiconductor...
MC33493 FREESCALE-MC33493 Datasheet
414Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
logo
NXP Semiconductors
MC33493 NXP-MC33493 Datasheet
502Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 1.7, 03/2007
MC33493A NXP-MC33493A Datasheet
503Kb / 22P
   PLL Tuned UHF Transmitter for Data Transfer
Rev. 2, 07/2007
logo
Motorola, Inc
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
2002
logo
Freescale Semiconductor...
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
   PLL Tuned UHF Receiver for Data Transfer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com