Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33812 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33812 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33812
Figure 3. 33812 Simplified Internal Block Diagram
VPWR, VCC
Oscillator
INJIN
VPWR
IGNIN
~50 µA
~50 µA
LOGIC CONTROL
Gate Control
Current Limit
Temperature Limit
Short Protection
Open det. on Injector
+
RS
lLimit
VClamp
Relay and
~75µA
INJOUT
VCCREF
Band Gap
PARALLEL
CONTROL
under-voltage
POR, over-voltage
V10.0 Analog
V2.5 Logic
Bias
ROUT
VCCSENS
+
RS
lLimit
VClamp
Gate Control
Current Limit
Temperature Limit
Short Protection
ISO9141
CONTROLLER
MRX
MTX
LAMPOUT
VCC
ISO9141
~50 µA
~50 µA
Lamp Output
Ignition
IGNSUP
Predriver
IGNFB
GND
TEST3
TEST1
PGND1
PGND2
DGND
IGNFLT
WATCHDOG
RESET
VCC
INJFLT
LAMPIN
WDRFSH
RIN
~50 µA
VCC
~50 µA
VCC
~50 µA
~50 µA
~50 µA
IGNOUTH
Short
Protection
IGNOUTL
Injector Output
TEST2
WD_INH
VCC
~50 µA
~50 µA
RELFLT
VCC
~50 µA
(Open Drain)
TM_EN
~50 µA
*Note: Pull up and pull down current sources are ~50 µA unless otherwise noted


Similar Part No. - 33812

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812 Datasheet
480Kb / 25P
   SMALL ENGINE CONTROL IC
More results

Similar Description - 33812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
   Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Freescale Semiconductor...
MM912_P812 FREESCALE-MM912_P812 Datasheet
487Kb / 19P
   S12P MCU and Multifunctional Ignition
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
   2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
   Quad Low Side Injector Driver
V1.3, December 2008
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
   2.4A/4.4A Injector Solenoid Driver
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
logo
ON Semiconductor
FAN1100-F085 ONSEMI-FAN1100-F085 Datasheet
269Kb / 10P
   Ignition Gate Driver IC
Aug-2018, Rev. 3
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
logo
Motorola, Inc
MC33191 MOTOROLA-MC33191 Datasheet
294Kb / 5P
   Automotive 12V ignition driver
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com