Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33812 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33812
Description  Multifunctional Ignition and Injector Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33812 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33812 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33812 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33812
PIN CONNECTIONS
PIN CONNECTIONS
Figure 4. 33812 Pin Connections
GND
IGNOUTL
IGNOUTH
IGNSUP
IGNFB
ISO9141
VCCSENS
VCCREF
VPWR
RESET
INJFLT
RELFLT
IGNFLT
INJIN
RIN
LAMPIN
IGNIN
TEST3
TEST2
TEST1
WD_INH
N.C.
INJOUT
PGND1
DGND
LAMPOUT
PGND2
ROUT
N.C.
TM_EN
WDRFSH
MRX
MTX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
Table 1. 33812 Pin Definitions
Pin
Pin Name
Pin
Function
Formal Name
Description
1
IGNOUTL
Output
Ignition Output Low
Low side output to drive Gate/Base of IGBT/Bipolar Darlington
2
IGNOUTH
Output
Ignition Output High
High side output to drive Gate/Base of IGBT/Bipolar Darlington
3
IGNSUP
Input
Ignition Output Supply
Tie to +5 V for Darlington, tie to the VPWR supply for IGBT output device
4
IGNFB
Input
Feedback from Source
Voltage feedback from source of Ignition driver transistor through 10:1
voltage divider
5
ISO9141
Input/Output ISO9141 K-Line Bidirectional
Serial Data Signal
The ISO9141 pin is VPWR level IN/OUT signal connected to external ECU
Tester using ISO9141 Protocol.The Output is Open drain and the Input is
a ratiometric VPWR level threshold comparator
6
VCCSENS
Input
Voltage Sense from VCC
Feedback to internal VCC regulator from external pass transistor
7
VCCREF
Output
VCC Reference Base drive
Base drive voltage for external PNP pass transistor
8
VPWR
Supply Input
Main Voltage Supply Input
VPWR is the main voltage supply Input for the device. Connected to +12
volt battery (It should have reverse battery protection and transient
suppression.)
9
RESET
Output
Reset Output to MCU
Logic Level Reset signal used to reset the MCU when the watchdog circuit
times out, during under voltage condition on VCC and for initial power up
and power down
10
INJFLT
Output
Injector Fault
Logic Level output to MCU indicating any fault in the injector circuit.
11
RELFLT
Output
Relay Fault
Logic Level output to MCU indicating any fault in the relay circuit.
12
IGNFLT
Output
Ignition Fault
Logic Level output to MCU indicating any fault in the ignition circuit.
13
INJIN
Input
Injector Parallel Input
Logic Level input from the MCU to control the injector driver output
14
RIN
Input
Relay Parallel Input
Logic Level Parallel input to activate RELAY output, ROUT
15
LAMPIN
Input
LAMP Parallel Input
Logic Level Parallel input to activate the malfunction indicator lamp output,
LAMP
16
IGNIN
Input
Ignition Parallel Input
Logic Level Input from MCU controlling the ignition coil current flow and
spark.
17
MTX
Input
ISO9141 MCU Data Input
Input logic level ISO9141 data from the MCU to the ISO9141 IN/OUT pin


Similar Part No. - 33812

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33812 FREESCALE-33812 Datasheet
480Kb / 25P
   SMALL ENGINE CONTROL IC
More results

Similar Description - 33812

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33812 NXP-MC33812 Datasheet
677Kb / 28P
   Multifunctional Ignition and Injector Driver
Rev. 6.0, 4/2016
logo
Freescale Semiconductor...
MM912_P812 FREESCALE-MM912_P812 Datasheet
487Kb / 19P
   S12P MCU and Multifunctional Ignition
logo
ON Semiconductor
CS452 ONSEMI-CS452 Datasheet
73Kb / 8P
   2.4A/4.4A Injector Solenoid Driver
December, 2001 - Rev. 2
logo
Infineon Technologies A...
TLE6270R INFINEON-TLE6270R Datasheet
667Kb / 35P
   Quad Low Side Injector Driver
V1.3, December 2008
logo
Cherry Semiconductor Co...
CS452 CHERRY-CS452 Datasheet
156Kb / 5P
   2.4A/4.4A Injector Solenoid Driver
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
logo
ON Semiconductor
FAN1100-F085 ONSEMI-FAN1100-F085 Datasheet
269Kb / 10P
   Ignition Gate Driver IC
Aug-2018, Rev. 3
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
logo
Motorola, Inc
MC33191 MOTOROLA-MC33191 Datasheet
294Kb / 5P
   Automotive 12V ignition driver
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com