Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20U100CTH Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # MBR20U100CTH
Description  Power Schottky Rectifier - 20Amp 100Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20U100CTH Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  MBR20U100CTH Datasheet HTML 1Page - Sirectifier Global Corp. MBR20U100CTH Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
http:// www.sirectsemi.com
Power Schottky Rectifier - 20Amp 100Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
-Low power loss, high efficiency
-ESD performance human body mode > 8 KV
-Halogen-Free
Application
-AC/DC Switching Adaptor and other Switching Power Supply
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
IF(AV)
20
A
Average Forward Current
VRRM
100
V
Repetitive Peak Reverse Voltage
IFSM
150
A
Peak Forward Surge Current
VF
0.56
V
Forward Voltage Drop
Tj, Tstg
-50 to +175
º
C
Operating and Storage Temperature
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous Forward Voltage
VF
0.72V
0.56V
Per Leg at
IF = 10A
Tc = 25ºC
Tc = 125ºC
Maximum Reverse Leakage Current
IR
0.05mA
10mA
Per Leg at
VR = 100V
Tc = 25ºC
Tc = 125ºC
Typical Thermal Resistance,Junction to Case
Rθ (j-c)
2.2 ºC/W
4.5 ºC/W
Per Leg
TO-220AB / TO-262/ TO-263
ITO-220AB
January 2012 / Rev.6.7
E
L
E
C
T
R
O
N
I
C
MBR20U100CTH/FCTH/CRH/CGH


Similar Part No. - MBR20U100CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
logo
Inchange Semiconductor ...
MBR20U100CTH ISC-MBR20U100CTH Datasheet
243Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR20U100CTH

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20HL100CT SIRECT-MBR20HL100CT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20B100CTH SIRECT-MBR20B100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100FCTH SIRECT-MBR20U100FCTH Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20BS100CTH SIRECT-MBR20BS100CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20D100CTH SIRECT-MBR20D100CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20X100CTH SIRECT-MBR20X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20A100CTH SIRECT-MBR20A100CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20C100CTH SIRECT-MBR20C100CTH Datasheet
134Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com