Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34129D Datasheet(PDF) 11 Page - Motorola, Inc

Part # MC34129D
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34129D Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MC34129D Datasheet HTML 7Page - Motorola, Inc MC34129D Datasheet HTML 8Page - Motorola, Inc MC34129D Datasheet HTML 9Page - Motorola, Inc MC34129D Datasheet HTML 10Page - Motorola, Inc MC34129D Datasheet HTML 11Page - Motorola, Inc MC34129D Datasheet HTML 12Page - Motorola, Inc MC34129D Datasheet HTML 13Page - Motorola, Inc MC34129D Datasheet HTML 14Page - Motorola, Inc MC34129D Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC34129 MC33129
11
MOTOROLA ANALOG IC DEVICE DATA
Figure 20. External Duty Cycle Clamp
and Multi–Unit Synchronization
Figure 21. Bootstrap Startup
Figure 22. Discrete Step Reduction of Clamp Level
Figure 23. Adjustable Reduction of Clamp Level
The external 9.1 V zener is required when driving low threshold MOSFETs.
CSoft–Start
12
7
6
5
4
2.5V
OSC
R
S
Q
1.25V
13
14
9.1
V
8
9
10
11
1
2
3
Q2
Vin
+
+
+
+
+
+
+
Ipk(max) =
1.675 – (VF(D1) + VF(D2))
275mV
R
S
Q
1.25V
8
9
10
11
1
2
3
Vin
Q1
RS
D1
D2
≈ 120µA
+
+
+
RS
275mV
R
S
Q
1.25V
8
9
10
11
1
2
3
Vin
Q1
RS
R1
R2
+
+
+
If:
1.25 V
R1 + R2
≥ 1.0 mA
Then: Ipk(max) ≈
1.25
R2
R1
+ 1
– 0.275
RS
f =
1.44
(RA + 2RB)C
Dmax =
RB
5.0V
RA
RB
8
6
5
2
C
5.0k
4
R
Q
S
MC1455
3
7
6
5
4
2.5V
OSC
To Additional
MC34129’s
+
5.0k
5.0k
1
+
+
RA + 2RB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC34129D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
More results

Similar Description - MC34129D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com