Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33129D Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC33129D
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33129D Datasheet(HTML) 4 Page - Motorola, Inc

  MC33129D Datasheet HTML 1Page - Motorola, Inc MC33129D Datasheet HTML 2Page - Motorola, Inc MC33129D Datasheet HTML 3Page - Motorola, Inc MC33129D Datasheet HTML 4Page - Motorola, Inc MC33129D Datasheet HTML 5Page - Motorola, Inc MC33129D Datasheet HTML 6Page - Motorola, Inc MC33129D Datasheet HTML 7Page - Motorola, Inc MC33129D Datasheet HTML 8Page - Motorola, Inc MC33129D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC34129 MC33129
4
MOTOROLA ANALOG IC DEVICE DATA
Figure 1. Timing Resistor versus
Oscillator Frequency
Figure 2. Output Deadtime versus
Oscillator Frequency
Figure 3. Oscillator Frequency Change
versus Temperature
Figure 4. Error Amp Open Loop Gain and
Phase versus Frequency
Figure 5. Error Amp Small–Signal
Transient Response
Figure 6. Error Amp Large–Signal
Transient Response
0.5
µs/DIV
1.0
µs/DIV
TA = 25°C
fOSC, OSCILLATOR FREQUENCY (kHz)
CT = 5.0 nF
2.0 nF
1.0 nF
500 pF
200 pF
100pF
TA, AMBIENT TEMPERATURE (°C)
VCC = 10 V
RT = 25.5 k
CT = 390 pF
fOSC, OSCILLATOR FREQUENCY (kHz)
CT = 5.0 nF
2.0 nF
1.0 nF
200 pF
100 pF
f, FREQUENCY (Hz)
0
45
90
135
180
Gain
Phase
TA = 25°C
5.0
10
20
50
100
200
500
–55
–25
0
25
50
75
100
125
5.0
10
20
50
100
200
500
1.0 k
10 k
100 k
1.0 M
10 M
1.05 V
1.0 V
0.95 V
1.5 V
1.0 V
0.5 V
1.0 M
500 k
200 k
100 k
50 k
20 k
10 k
8.0
4.0
0
–4.0
–8.0
100
50
20
5.0
2.0
1.0
60
40
20
0
–20
VCC = 10 V
TA = 25°C
VCC = 10 V
TA = 25°C
500 pF
VCC = 10 V
VO = 1.25 V
RL = ∞
TA = 25°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33129D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33120/21 NXP-MC33120/21 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC33121 MOTOROLA-MC33121 Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121FN MOTOROLA-MC33121FN Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121P MOTOROLA-MC33121P Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
More results

Similar Description - MC33129D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com