Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33129P Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC33129P
Description  High Performance Current Mode Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33129P Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC33129P Datasheet HTML 2Page - Motorola, Inc MC33129P Datasheet HTML 3Page - Motorola, Inc MC33129P Datasheet HTML 4Page - Motorola, Inc MC33129P Datasheet HTML 5Page - Motorola, Inc MC33129P Datasheet HTML 6Page - Motorola, Inc MC33129P Datasheet HTML 7Page - Motorola, Inc MC33129P Datasheet HTML 8Page - Motorola, Inc MC33129P Datasheet HTML 9Page - Motorola, Inc MC33129P Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC34129 MC33129
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. 1.25 V Reference Output Voltage
versus Temperature
Figure 14. 2.5 V Reference Output Voltage
versus Temperature
Figure 15. Drive Output Saturation
versus Load Current
Figure 16. Drive Output Waveform
Figure 17. Supply Current versus Supply Voltage
1.0
µs/DIV
TA, AMBIENT TEMPERATURE (°C)
VCC = 10 V
RL = ∞
*Vref at TA = 25°C
*Vref = 1.225 V
*Vref = 1.250 V
*Vref = 1.275 V
TA, AMBIENT TEMPERATURE (°C)
VCC = 10 V
RL = 2.5 k
*Vref at TA = 25°C
*Vref = 2.375 V
*Vref = 2.500 V
*Vref = 2.625 V
IO, OUTPUT LOAD CURRENT (mA)
VCC
VCC = 10 V
TA = 25°C
Source Saturation
(Load to Ground)
Sink Saturation
(Load to VCC)
Gnd
VCC, SUPPLY VOLTAGE (V)
CL = 500 pF
CL = 15 pF
10
0
0
–2.0
–4.0
–6.0
–8.0
–10
0
4.0
8.0
–12
–16
–20
0
–1.0
–2.0
–3.0
3.0
2.0
1.0
0
10
8.0
6.0
4.0
2.0
0
–55
–25
0
25
50
75
100
125
–55
–25
0
25
50
75
100
125
0
200
400
600
800
0
4.0
8.0
12
16
RT = 25.5 k
CT = 390 pF
TA = 25°C
RL = R
CL = 500 pF
TA = 25°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33129P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33120/21 NXP-MC33120/21 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC33121 MOTOROLA-MC33121 Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121FN MOTOROLA-MC33121FN Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33121P MOTOROLA-MC33121P Datasheet
570Kb / 32P
   LOW VOLTAGE SUBSCRIBER LOOP INTERFACE CIRCUIT
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
More results

Similar Description - MC33129P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
UC3842B MOTOROLA-UC3842B Datasheet
401Kb / 16P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com