Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC143416PB Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC143416PB
Description  Dual 16-Bit Linear Codec-Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC143416PB Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC143416PB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 10Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 11Page - Freescale Semiconductor, Inc MC143416PB Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MC143416
MOTOROLA
8
AG0+, AG1+, AG0–, and AG1–
Outputs of Input Amplifier for Codec 0 and Codec 1
(Pins 40, 29, 37, and 32, Respectively)
These pins are the differential outputs of the input gain set-
ting amplifiers.
AO0+, AO1+, AO0–, and AO1–
Analog Outputs for Codec 0 and Codec 1
(Pins 44 ,25, 43, and 26, Respectively)
These pins are the non–inverting and inverting outputs of
the analog output amplifier. This unity gain line driver repre-
sents the final stage of the D/A section of the codec. This am-
plifier provides a differential output that can be dc–coupled
with a hybrid circuit and is able to drive a telephone line.
SSI PORT 0 and PORT 1
SCLK0 and SCLK1
Serial Port 0 and Serial Port 1 Clock Signal Output Pins
(Pins 11 and 17, Respectively)
These pins are the timing reference for the transmission of
data through the STx and SRx pins. Data transfer can only
happen if the synchronization frame begins.
SSYNC0 and SSYNC1
Serial Port 0 and Serial Port 1 Sync Signal Output Pins
(Pins 10 and 16, Respectively)
These pins output the synchronization frame. The sync
signal defines the beginning of each word transmitted
through the STx and SRx pins.
STx0 and STx1
Serial Port 0 and Serial Port 1 Output Pins
(Pins 12 and 18, Respectively)
These pins are used to transmit data from serial ports 0
and 1. Serial transmission data is shifted on the rising edge
of the serial clock (SCLK).
SRx0 and SRx1
Serial Port 0 and Serial Port 1 Input Pins
(Pins 13 and 19, Respectively)
These pins are used to receive data from serial ports 0 and
1. Serial receive data is sampled internally on the falling
edge of the serial clock.
RESET
RESET
System Reset Input (Pin 8)
This pin is used to force a hardware reset of the
MC143416. Note: This is ineffective when the device is in
general power down.
RSTEXT
External Reset Output to Board Functions from Power
Monitor (Pin 9)
The MC143416 provides a voltage level sensing circuit
which generates an active low external reset when the power
supply voltage drops below a nominal 4.5 V. The power on
reset (POR) does not reset the internal circuitry, but provides
an external reset signal for board use. The minimum duration
of the external reset is 140 ms.
CLOCKING
XTALin, XTALout
Crystal Oscillator Input and Output
(Pins 2 and 3, Respectively)
These pins form a reference oscillator when connected to
terminals of an external parallel–resonant crystal. The inter-
nal logic clock timing (system clock) is always derived from
the XTALin clock signal. The timing for the codecs can be
derived from either the XTALin signal, or from the MCLK in-
put.
Frequency–setting capacitors of appropriate values, as
recommended by the crystal supplier, are connected from
each pin to ground. The MC143416 has an inverter between
XTALin and XTALout. An external resistor below 5 M is re-
quired between these two pins to define the trip point. A re-
sistor of around 910 K has been found to be the best value
for startup operation. This resistor value will result in a start-
up time of around 400 ms. Lower values will provide quicker
startup times, but the XTALout amplitude will diminish as the
resistor size goes down.
During power–down conditions, XTALout is placed in a
high–impedance state, and XTALin is internally discon-
nected, so the device needs to be powered up in order to al-
low the input of external signals or crystal usage.
During normal operation, an external signal can be applied
to XTALin, instead of a crystal. It should be noted that the
phase of this signal and the internal signal (derived from
XTALin) are inverted.
The drive capability of XTALout is somewhat small, so it will
be harder to start up the oscillation if the external resistor is
too large (> 5 M
Ω). The crystal value and/or external clock
signal should be kept below 30 MHz.
MCLK0 and MCLK1
Master Clock Inputs for Codec 0 and Codec 1
(Pins 5 and 6, Respectively)
These pins are the master clock inputs for the codecs
when the timing is not derived from the crystal. The master
clock is equal to the oversampling clock.
PDI
Absolute Power–Down Input (Pin 7)
This pin turns off any activity in the MC143416 except the
power monitor function by stopping the oscillator. After any
assertion of the PDI pin, a 10 ms period is required to resume
functional operation. This time constraint is needed for the
crystal oscillator to start up and stabilize to its defined operat-
ing point. It is mandatory to apply a hardware reset after this
oscillator startup phase. Alternatively, a software reset can
be applied after this startup phase and after making sure the
serial interface framing logic has synced up to the host con-
trol/data frame.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC143416PB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC143421 MOTOROLA-MC143421 Datasheet
193Kb / 11P
   PCI Bus Interface
MC143421FU MOTOROLA-MC143421FU Datasheet
193Kb / 11P
   PCI Bus Interface
More results

Similar Description - MC143416PB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
Micronas
MAS9090B MICRONAS-MAS9090B Datasheet
564Kb / 30P
   LOW VOLTAGE 14-BIT LINEAR CODEC
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com