Electronic Components Datasheet Search |
|
SPAKMC331MFC20 Datasheet(PDF) 4 Page - Motorola, Inc |
|
SPAKMC331MFC20 Datasheet(HTML) 4 Page - Motorola, Inc |
4 / 84 page 4 MC68331TS/D 1.1 Features • Modular Architecture • Central Processing Unit (CPU32) — Upward Object Code Compatible — New Instructions for Controller Applications — 32-Bit Architecture — Virtual Memory Implementation — Loop Mode of Instruction Execution — Table Lookup and Interpolate Instruction — Improved Exception Handling for Controller Applications — Trace on Change of Flow — Hardware Breakpoint Signal, Background Mode — Fully Static Operation • System Integration Module (SIM) — External Bus Support — Programmable Chip-Select Outputs — System Protection Logic — Watchdog Timer, Clock Monitor, and Bus Monitor — System Protection Logic — System Clock Based on 32.768-kHz Crystal for Low Power Operation — Test/Debug Submodule for Factory/User Test and Development • Queued Serial Module (QSM) — Enhanced Serial Communication Interface (SCI), Universal Asynchronous Receiver Transmit- ter (UART): Modulus Baud Rate, Parity — Queued Serial Peripheral Interface (QSPI): 80-Byte RAM, Up to 16 Automatic Transfers — Dual Function I/O Ports — Continuous Cycling, 8 to 16 Bits per Transfer • General-Purpose Timer (GPT) — Two 16-Bit Free-Running Counters With One Nine-Stage Prescaler — Three Input Capture Channels — Four Output Compare Channels — One Input Capture/Output Compare Channel — One Pulse Accumulator/Event Counter Input — Two Pulse-Width Modulation Outputs — Optional External Clock Input Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Similar Part No. - SPAKMC331MFC20 |
|
Similar Description - SPAKMC331MFC20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |