Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC144111DW Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC144111DW
Description  Digital-to-Analog Converters with Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC144111DW Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC144111DW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 8Page - Freescale Semiconductor, Inc MC144111DW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
MC144110/D
Rev. 2, 1/2005
MC144110
Package Information
P Suffix
Plastic DIP
Case 707
Package Information
DW Suffix
SOG Package
Case 751D
Ordering Information
Device
Package
MC144110P
Plastic DIP
MC144110DW
SOG
MC144111P
Plastic DIP
MC144111DW
SOG
Package Information
P Suffix
Plastic DIP
Case 646
Package Information
DW Suffix
SOG Package
Case 751G
MC144111
1
Introduction
The MC144110 and MC144111 are low-cost 6-bit D/A
converters with serial interface ports to provide
communication with CMOS microprocessors and
microcomputers. The MC144110 contains six static D/A
converters; the MC144111 contains four converters.
Due to a unique feature of these DACs, the user is
permitted easy scaling of the analog outputs of a system.
Over a 5 to 15 V supply range, these DACs may be
directly interfaced to CMOS MPUs operating at 5 V.
Direct R-2R Network Outputs
Buffered Emitter-Follower Outputs
Serial Data Input
Digital Data Output Facilitates Cascading
Direct Interface to CMOS µP
Wide Operating Voltage Range: 4.5 to 15 V
Wide Operating Temperature Range: 0 to 85°C
Software Information is Contained in Document
M68HC11RM/AD
MC144110 and
MC144111
Digital-to-Analog Converters with
Serial Interface
CMOS LSI
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Specifications . . . . . . . . . . . . . . . . 4
3 Switching Characteristics . . . . . . . . . . . . . . . 5
4 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . 8
5 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 10


Similar Part No. - MC144111DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC144111DW LANSDALE-MC144111DW Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
MC144111DW LANSDALE-MC144111DW Datasheet
199Kb / 8P
   Digital?뱓o?밃nalog Converters with Serial Interface
More results

Similar Description - MC144111DW

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML144110 LANSDALE-ML144110 Datasheet
464Kb / 8P
   Digital-to-Analog Converters with Serial Interface
logo
Texas Instruments
TLC548C TI-TLC548C Datasheet
167Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLV1549C TI1-TLV1549C_14 Datasheet
598Kb / 20P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC1549C TI-TLC1549C Datasheet
238Kb / 15P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com