Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JM128 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF51JM128
Description  MCF51JM128 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JM128 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF51JM128_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JM128_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
MCF51JM128 Family Configurations
MCF51JM128 ColdFire Microcontroller, Rev. 3
Freescale Semiconductor
5
1.3
Features
Table 2 describes the functional units of the MCF51JM128 series.
Table 2. MCF51JM128 Series Functional Units
Unit
Function
CF1CORE (V1 ColdFire core)
Executes programs and interrupt handlers
BDM (background debug module)
Provides a single-pin debugging interface (part of the V1 ColdFire core)
DBG (debug)
Provides debugging and emulation capabilities (part of the V1 ColdFire core)
SYSCTL (system control)
Provides LVD, COP, external interrupt request, and so on
FLASH (flash memory)
Provides storage for program code and constants
RAM (random-access memory)
Provides storage for program code, constants, and variables
RGPIO (rapid general-purpose input/output)
Allows I/O port access at CPU clock speeds
VREG (voltage regulator)
Controls power management throughout the device
USBOTG (USB On-The-Go)
Supports the USB On-The-Go dual-role controller
ADC (analog-to-digital converter)
Measures analog voltages at up to 12 bits of resolution
TPM1, TPM2 (timer/pulse-width modulators)
Provide a variety of timing-based features
CF1_INTC (interrupt controller)
Controls and prioritizes all device interrupts
CAU (cryptographic acceleration unit)
Co-processor support for DES, 3DES, AES, MD5, and SHA-1
RNGA (random number generator accelerator)
32-bit random number generator that complies with FIPS-140
RTC (real-time counter)
Provides a constant-time base with optional interrupt
ACMP (analog comparator)
Compares two analog inputs
CMT (carrier modulator timer)
Infrared output used for the Remote Controller
IIC1, IIC2 (inter-integrated circuits)
Supports the standard IIC communications protocol
KBI (keyboard interrupt)
Provides pin interrupt capabilities
MCG (multipurpose clock generator)
Provides clocking options for the device, including a phase-locked loop (PLL)
and frequency-locked loop (FLL) for multiplying slower reference clock
sources
XOSC (crystal oscillator)
Supports low/high range crystals
CAN (controller area network)
Supports standard CAN communications protocol
SCI1, SCI2 (serial communications interfaces)
Serial communications UARTs that can support RS-232 and LIN protocols
SPI1, SPI2 (serial peripheral interfaces)
Provide a 4-pin synchronous serial interface


Similar Part No. - MCF51JM128_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_08 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
More results

Similar Description - MCF51JM128_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_08 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com