Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5211CEP66 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF5211CEP66
Description  MCF5213 ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5211CEP66 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF5211CEP66 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5211CEP66 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF5213
EC
Rev. 4, 6/2010
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
MCF5213
LQFP–64
10 mm x 10 mm
MAPBGA–81
10 mm x 10 mm
LQFP–100
14 mm x 14 mm
QFN–64
9mmx9mm
The MCF5213 microcontroller family is a member of the
ColdFire® family of reduced instruction set computing
(RISC) microprocessors.
This document provides an overview of the 32-bit MCF5213
microcontroller, focusing on its highly integrated and diverse
feature set.
This 32-bit device is based on the Version 2 ColdFire core
operating at a frequency up to 80 MHz, offering high
performance and low power consumption. On-chip memories
connected tightly to the processor core include up to
256 Kbytes of flash memory and 32 Kbytes of static random
access memory (SRAM). On-chip modules include:
• V2 ColdFire core delivering 76 MIPS (Dhrystone 2.1) at
80 MHz running from internal flash memory with Multiply
Accumulate (MAC) Unit and hardware divider
• FlexCAN controller area network (CAN) module
• Three universal asynchronous/synchronous
receiver/transmitters (UARTs)
• Inter-integrated circuit (I2C™) bus interface module
• Queued serial peripheral interface (QSPI) module
• Eight-channel 12-bit fast analog-to-digital converter
(ADC)
• Four-channel direct memory access (DMA) controller
• Four 32-bit input capture/output compare timers with
DMA support (DTIM)
• Four-channel general-purpose timer (GPT) capable of
input capture/output compare, pulse width modulation
(PWM), and pulse accumulation
• Eight-channel/Four-channel, 8-bit/16-bit pulse width
modulation timer
• Two 16-bit periodic interrupt timers (PITs)
• Programmable software watchdog timer
• Interrupt controller capable of handling 57 sources
• Clock module with 8 MHz on-chip relaxation oscillator
and integrated phase-locked loop (PLL)
• Test access/debug port (JTAG, BDM)
MCF5213 ColdFire
Microcontroller


Similar Part No. - MCF5211CEP66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5211CEP66 FREESCALE-MCF5211CEP66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
More results

Similar Description - MCF5211CEP66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com