Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5212LCVM80 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF5212LCVM80
Description  MCF5213 ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5212LCVM80 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5212LCVM80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5212LCVM80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Family Configurations
MCF5213 ColdFire Microcontroller, Rev. 4
Freescale Semiconductor
5
1.2
Features
1.2.1
Feature Overview
The MCF5213 family includes the following features:
Version 2 ColdFire variable-length RISC processor core
— Static operation
— 32-bit address and data paths on-chip
— Up to 80 MHz processor core frequency
— Sixteen general-purpose, 32-bit data and address registers
— Implements ColdFire ISA_A with extensions to support the user stack pointer register and four new instructions
for improved bit processing (ISA_A+)
— Multiply-Accumulate (MAC) unit with 32-bit accumulator to support 16
×16 → 32 or 32×32 → 32 operations
— Illegal instruction decode that allows for 68-Kbyte emulation support
System debug support
— Real-time trace for determining dynamic execution path
— Background debug mode (BDM) for in-circuit debugging (DEBUG_B+)
— Real-time debug support, with six hardware breakpoints (4 PC, 1 address and 1 data) configurable into a 1- or
2-level trigger
On-chip memories
— 32-Kbyte dual-ported SRAM on CPU internal bus, supporting core and DMA access with standby power supply
support
— 256 Kbytes of interleaved flash memory supporting 2-1-1-1 accesses
Power management
— Fully static operation with processor sleep and whole chip stop modes
— Rapid response to interrupts from the low-power sleep mode (wake-up feature)
— Clock enable/disable for each peripheral when not used
FlexCAN 2.0B module
— Based on and includes all existing features of the Freescale TouCAN module
— Full implementation of the CAN protocol specification version 2.0B
– Standard data and remote frames (up to 109 bits long)
– Extended data and remote frames (up to 127 bits long)
– Zero to eight bytes data length
– Programmable bit rate up to 1 Mbit/sec
— Flexible message buffers (MBs), totalling up to 16 message buffers of 0–8 byte data length each, configurable as
Rx or Tx, all supporting standard and extended messages
— Unused MB space can be used as general purpose RAM space
— Listen-only mode capability
— Content-related addressing
— No read/write semaphores
— Three programmable mask registers: global for MBs 0–13, special for MB14, and special for MB15
— Programmable transmit-first scheme: lowest ID or lowest buffer number
— Time stamp based on 16-bit free-running timer
— Global network time, synchronized by a specific message
— Maskable interrupts
Three universal asynchronous/synchronous receiver transmitters (UARTs)


Similar Part No. - MCF5212LCVM80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5212LCVM80 FREESCALE-MCF5212LCVM80 Datasheet
944Kb / 56P
   ColdFire Microcontroller
More results

Similar Description - MCF5212LCVM80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com