Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63F737KZP8.5 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM63F737KZP8.5
Description  128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F737KZP8.5 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM63F737KZP8.5 Datasheet HTML 1Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 2Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 3Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 4Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 5Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 6Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 7Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 8Page - Motorola, Inc MCM63F737KZP8.5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MCM63F737K
•MCM63F819K
3
MOTOROLA FAST SRAM
VSS
VDDQ
37 38
34 35 36
42 43
39 40 41
45 46
44
31 32 33
50
49
48
47
94 93
97 96 95
89 88
92 91 90
86 85
87
100 99 98
81
82
83
84
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
DQb
DQb
DQb
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQb
DQb
VDDQ
VSS
DQc
DQc
DQc
VSS
DQd
DQd
DQd
DQd
VDDQ
VSS
DQa
DQa
DQa
DQb
DQb
DQb
DQb
DQa
DQa
VSS
NC
VDD
ZZ
DQa
DQa
DQa
DQa
VSS
VDDQ
VDDQ
VSS
DQc
DQc
DQc
DQc
VDDQ
VSS
VSS
VDDQ
DQd
DQd
DQc
DQc
NC
VDD
NC
DQd
DQd
DQd
VSS
VDDQ
6
5
4
3
2
17
B
C
VSS
G
A
D
E
F
H
J
VSS
VSS
SBb
VSS
SA
VSS
VSS
VSS
SA
SA
SA
SA
SA
SA
SA
SA
NC
SA
SA
NC
NC
NC
DQb
SA
SA
NC
ZZ
SW
DQa
DQa
VDDQ
VDDQ
DQb
VDDQ
DQb
DQb
DQa
DQa
NC
VDD
NC
SA
NC
NC
NC
NC
DQd
DQd
VSS
SA0
NC
LBO
DQa
DQa
SA1
VSS
DQd
DQd
VDDQ DQd VSS
NC
DQa
DQa
SBa
SBd
DQd
DQd
DQd
DQd
VSS
KVSS
DQc
DQa
VDD
NC
VDD
NC
VDD
VDDQ
DQc
VSS SGW
DQb
DQb
DQb
ADV
SBc
DQc
DQc
VDDQ DQc VSS
G
DQb
SE1
VSS
DQc
DQc
DQc
DQc
VSS
NC
DQb
VDD
NC
NC
SE2
SA
ADSC
ADSP
K
L
M
N
P
R
T
U
VDDQ
VDDQ
SE3
VDDQ
VDDQ
NC
119–BUMP PBGA
TOP VIEW
Not to Scale
100–PIN TQFP
TOP VIEW
MCM63F737K PIN ASSIGNMENTS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F737KZP8.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10 MOTOROLA-MCM63F733ATQ10 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10R MOTOROLA-MCM63F733ATQ10R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11 MOTOROLA-MCM63F733ATQ11 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11R MOTOROLA-MCM63F733ATQ11R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F737KZP8.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com