Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63F737KZP11 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM63F737KZP11
Description  128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63F737KZP11 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM63F737KZP11 Datasheet HTML 1Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 2Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 3Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 4Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 5Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 6Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 7Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 8Page - Motorola, Inc MCM63F737KZP11 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MCM63F737K
•MCM63F819K
1
MOTOROLA FAST SRAM
Advance Information
128K x 36 and 256K x 18 Bit
Flow–Through BurstRAM
Synchronous Fast Static RAM
The MCM63F737K and MCM63F819K are 4M–bit synchronous fast static
RAMs designed to provide a burstable, high performance, secondary cache. The
MCM63F737K (organized as 128K words by 36 bits) and the MCM63F819K
(organized as 256K words by 18 bits) integrate input registers, a 2–bit address
counter, and high speed SRAM onto a single monolithic circuit for reduced parts
count in cache data RAM applications. Synchronous design allows precise cycle
control with the use of an external clock (K).
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G), sleep mode (ZZ), and linear burst order (LBO) are clock (K) controlled
through positive–edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM63F737K and MCM63F819K
(burst sequence operates in linear or interleaved mode dependent upon the state
of LBO) and controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and
synchronous write enable (SW) are provided to allow writes to either individual
bytes or to all bytes. The bytes are designated as “a”, “b”, etc. SBa controls DQa,
SBb controls DQb, etc. Individual bytes are written if the selected byte writes SBx
are asserted with SW. All bytes are written if either SGW is asserted or if all SBx
and SW are asserted.
For read cycles, a flow–through SRAM allows output data to simply flow freely
from the memory array.
The MCM63F737K and MCM63F819K operate from a 3.3 V core power supply
and all outputs operate on a 2.5 V or 3.3 V power supply. All inputs and outputs
are JEDEC standard JESD8–5 compatible.
• MCM63F737K/MCM63F819K–8.5 = 8.5 ns Access
MCM63F737K / MCM63F819K–9 ns = 9 ns Access
MCM63F737K / MCM63F819K–11 ns = 11 ns Access
• 3.3 V +10%, –5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• Sleep Mode (ZZ)
• JEDEC Standard 100–Pin TQFP and 119–Pin PBGA Packages
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MCM63F737K/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM63F737K
MCM63F819K
TQ PACKAGE
TQFP
CASE 983A–01
ZP PACKAGE
PBGA
CASE 999–02
10/1/99
© Motorola, Inc. 1999
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63F737KZP11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10 MOTOROLA-MCM63F733ATQ10 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ10R MOTOROLA-MCM63F733ATQ10R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11 MOTOROLA-MCM63F733ATQ11 Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F733ATQ11R MOTOROLA-MCM63F733ATQ11R Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63F737KZP11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com