Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF51JM32EVLH Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF51JM32EVLH
Description  MCF51JM128 ColdFire Microcontroller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51JM32EVLH Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF51JM32EVLH Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51JM32EVLH Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MCF51JM128 ColdFire Microcontroller, Rev. 3
MCF51JM128 Family Configurations
Freescale Semiconductor
8
•RTC
— 8-bit modulus counter with binary- or decimal-based prescaler
— External clock source for precise time base, time-of-day, calendar or task scheduling functions
— Free running on-chip low power oscillator (1 kHz) for cyclic wake-up without external components
Carrier modulator timer (CMT)
— carrier generator, modulator, and transmitter drive the infrared out (IRO) pin
— operation in independent high/low time control, baseband, FSK, and direct IRO control modes
Input/Output
— 66 GPIOs
— Eight keyboard interrupt pins with selectable polarity
— Hysteresis and configurable pull-up device on all input pins; configurable slew rate and drive strength on all output
pins
— 16 bits of Rapid GPIO connected to the processor’s local 32-bit platform bus with set, clear, and faster toggle
functionality
1.4
Part Numbers
Table 3. Orderable Part Number Summary
Freescale Part
Number
Description
Flash / SRAM
(Kbytes)
Package
Temperature
MCF51JM128EVLK
MCF51JM128 ColdFire Microcontroller
with CAU and RNGA Enabled
128 / 16
80 LQFP
–40 to +105
°C
MCF51JM128VLK
MCF51JM128 ColdFire Microcontroller
128 / 16
80 LQFP
–40 to +105
°C
MCF51JM128EVLH
MCF51JM128 ColdFire Microcontroller
with CAU and RNGA Enabled
128 / 16
64 LQFP
–40 to +105
°C
MCF51JM128VLH
MCF51JM128 ColdFire Microcontroller
128 / 16
64 LQFP
–40 to +105
°C
MCF51JM128EVQH
MCF51JM128 ColdFire Microcontroller
with CAU and RNGA Enabled
128 / 16
64 QFP
–40 to +105
°C
MCF51JM128VQH
MCF51JM128 ColdFire Microcontroller
128 / 16
64 QFP
–40 to +105
°C
MCF51JM128EVLD
MCF51JM128 ColdFire Microcontroller
with CAU and RNGA Enabled
128 / 16
44 LQFP
–40 to +105
°C
MCF51JM128VLD
MCF51JM128 ColdFire Microcontroller
128 / 16
44 LQFP
–40 to +105
°C
MCF51JM64EVLK
MCF51JM64 ColdFire Microcontroller
with CAU and RNGA Enabled
64 / 16
80 LQFP
–40 to +105
°C
MCF51JM64VLK
MCF51JM64 ColdFire Microcontroller
64 / 16
80 LQFP
–40 to +105
°C
MCF51JM64EVLH
MCF51JM64 ColdFire Microcontroller
with CAU and RNGA Enabled
64 / 16
64 LQFP
–40 to +105
°C
MCF51JM64VLH
MCF51JM64 ColdFire Microcontroller
64 / 16
64 LQFP
–40 to +105
°C
MCF51JM64EVQH
MCF51JM64 ColdFire Microcontroller
with CAU and RNGA Enabled
64 / 16
64 QFP
–40 to +105
°C
MCF51JM64VQH
MCF51JM64 ColdFire Microcontroller
64 / 16
64 QFP
–40 to +105
°C


Similar Part No. - MCF51JM32EVLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM32EVLK FREESCALE-MCF51JM32EVLK Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
More results

Similar Description - MCF51JM32EVLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51JM128 FREESCALE-MCF51JM128_08 Datasheet
1Mb / 50P
   MCF51JM128 ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com