Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P819KZP150 Datasheet(PDF) 11 Page - Motorola, Inc

Part # MCM63P819KZP150
Description  128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P819KZP150 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MCM63P819KZP150 Datasheet HTML 7Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 8Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 9Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 10Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 11Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 12Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 13Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 14Page - Motorola, Inc MCM63P819KZP150 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MCM63P737K
•MCM63P819K
11
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V +10%, –5%, TA = 0° to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS AND DC CHARACTERISTICS (Voltages Referenced to VSS = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
2.5 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
2.375
2.5
2.9
V
Input Low Voltage
VIL
–0.3*
0.7
V
Input High Voltage
VIH
1.7
VDD + 0.3**
V
Input High Voltage I/O Pins
VIH2
1.7
VDDQ + 0.3**
V
Output Low Voltage (IOL = 2 mA)
VOL
0.7
V
Output High Voltage (IOH = –2 mA)
VOH
1.7
V
3.3 V I/O SUPPLY
Supply Voltage
VDD
3.135
3.3
3.465
V
I/O Supply Voltage
VDDQ
3.135
3.3
VDD
V
Input Low Voltage
VIL
–0.5*
0.8
V
Input High Voltage
VIH
2
VDD + 0.5***
V
Input High Voltage I/O Pins
VIH2
2
VDDQ + 0.5***
V
Output Low Voltage (IOL = 8 mA)
VOL
0.4
V
Output High Voltage (IOH = –4 mA)
VOH
2.4
V
* Undershoot: VIL > –1.0 V for t < 20% tKHKH.
** Overshoot: VIH/VIH2 < VDD/VDDQ + 1.0 V (not to exceed 3.6 V) for t < 20% tKHKH.
*** Overshoot: VIH/VIH2 < VDD/VDDQ + 1.0 V (not to exceed 4.6 V) for t < 20% tKHKH.
SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
±1
µA
1
Output Leakage Current (0 V
≤ Vin ≤ VDDQ)
Ilkg(O)
±1
µA
AC Supply Current (Device Selected,
MCM63P737K / 819K–166
All Outputs Open, Freq = Max)
MCM63P737K / 819K–150
Includes VDD Only
MCM63P737K / 819K–133
IDDA
500/430
470/400
450/380
mA
2, 3, 4
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at CMOS Levels)
ISB2
30
mA
5, 6
Sleep Mode Supply Current (Device Deselected, Freq = Max,
VDD = Max, All Other Inputs Static at CMOS Levels,
ZZ
≥ VDD – 0.2 V)
IZZ
15
mA
1, 5, 6
TTL Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at TTL Levels)
ISB3
35
mA
5, 7
Clock Running (Device Deselected,
MCM63P737K / 819K–166
Freq = Max, VDD = Max, All Inputs
MCM63P737K / 819K–150
Toggling at CMOS Levels)
MCM63P737K / 819K–133
ISB4
185/170
175/160
160/145
mA
5, 6
Static Clock Running
MCM63P737K / 819K–166
(Device Deselected,
MCM63P737K / 819K–150
Freq = Max,VDD = Max, All Inputs
MCM63P737K / 819K–133
Static at TTL Levels)
ISB5
75/65
70/60
65/55
mA
5, 7
NOTES:
1. LBO and ZZ pins have an internal pull–up and pull–down, respectively; and will exhibit leakage currents of
±5 µA.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. All addresses transition simultaneously low (LSB) then high (MSB).
4. Data states are all zero.
5. Device is deselected as defined by the Truth Table.
6. CMOS levels for I/Os are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
7. TTL levels for I/Os are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63P819KZP150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P818TQ100 MOTOROLA-MCM63P818TQ100 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P818TQ100R MOTOROLA-MCM63P818TQ100R Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P818TQ133 MOTOROLA-MCM63P818TQ133 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P818TQ133R MOTOROLA-MCM63P818TQ133R Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P818TQ66 MOTOROLA-MCM63P818TQ66 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P819KZP150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com