Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G9212-512S Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # G9212-512S
Description  Near infrared image sensors (0.9 to 1.67 關m / 2.55 關m)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G9212-512S Datasheet(HTML) 2 Page - Hamamatsu Corporation

  G9212-512S Datasheet HTML 1Page - Hamamatsu Corporation G9212-512S Datasheet HTML 2Page - Hamamatsu Corporation G9212-512S Datasheet HTML 3Page - Hamamatsu Corporation G9212-512S Datasheet HTML 4Page - Hamamatsu Corporation G9212-512S Datasheet HTML 5Page - Hamamatsu Corporation G9212-512S Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
InGaAs linear image sensors
G9211 to G9214/G9205 to G9208 Series
2
Selection guide
Absolute maximum ratings
Electrical characteristics (Ta=25 °C, Vφ=5 V )
Type No.
Cooling
Number of pixels
Pixel pitch
(μm)
Pixel size
[μm (H) × μm (V)]
Spectral
response range
(μm)
Defective pixel
G9211-256S
One-stage
TE-cooled
256
50
50 × 250
0.9 to 1.67 (-10 °C)
1 % Max. *3
G9212-512S
512
25
25 × 250
G9213-256S
256
50
50 × 500
G9214-512S
512
25
25 × 500
G9205-256W
Two-stage
TE-cooled
256
50
50 × 250
0.9 to 1.85 (-20 °C)
5 % Max.
G9206-256W
0.9 to 2.05 (-20 °C)
G9207-256W
0.9 to 2.25 (-20 °C)
G9208-256W
0.9 to 2.55 (-20 °C)
*
3: If your application requires sensors with no defective pixels, please select G9201 series.
Parameter
Symbol
Value
Unit
Clock pulse voltage
V
φ
5.5
V
Operating temperature *4
Topr
-40 to +70
°C
Storage temperature *4
Tstg
-40 to +85
°C
*4: Non condensation
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
4.9
5.0
5.1
V
Vref
-
1.26
-
Supply current
I(Vdd)
256 ch
-
45
50
mA
512 ch
-
90
100
I(Vref)
-
-
1
mA
Ground
Vss
-
0
-
V
Element bias
INP
3.5
4.5
4.6
V
Element bias current
I(INP)
-
-
1
mA
Clock frequency
f
0.1
-
4
MHz
Clock pulse voltage
High
V
φ
V
φ - 0.5
V
φ
V
φ + 0.5
V
Low
0
0
0.4
V
Clock pulse rise time
tr
φ
0
20
100
ns
Clock pulse fall time
tf
φ
Clock pulse width
tpw
φ
100
-
-
ns
Reset pulse voltage
High
V(RES)
V
φ - 0.5
V
φ
V
φ + 0.5
V
Low
0
0
0.4
V
Reset pulse rise time
tr(RES)
0
20
100
ns
Reset pulse fall time
tf(RES)
Reset pulse width
tpw(RES)
6000
-
-
ns
Video output voltage
High
VH
-
4.5
-
V
Low
VL
0
1.26
-
Video data rate
fv
-
f/8
-
Hz
Spectral response
0.5
1.0
1.5
2.0
2.5
3.0
0
0.5
1.0
1.5
WAVELENGTH (µm)
(Typ.)
T=25 °C
T= -10 °C
T= -20 °C
G9201 TO
G9204 SERIES
G9211 TO
G9214 SERIES
G9414 SERIES
G9206-256W
G9207-256W
G9205-256W
G9208-256W
KMIRB0033EC


Similar Part No. - G9212-512S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9212-512S HAMAMATSU-G9212-512S Datasheet
133Kb / 4P
   InGaAs linear image sensor
G9212-512S HAMAMATSU-G9212-512S Datasheet
132Kb / 4P
   InGaAs linear image sensor
More results

Similar Description - G9212-512S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G9211 HAMAMATSU-G9211_15 Datasheet
389Kb / 11P
   Near infrared image sensors (0.9 to 1.67 m / 2.55 m)
G9203-256D HAMAMATSU-G9203-256D_15 Datasheet
232Kb / 9P
   Near infrared (0.9 to 1.7 m) image sensors
G9204-256D HAMAMATSU-G9204-256D Datasheet
137Kb / 5P
   Near infrared image sensor (0.9 to 1.7 關m) with high-speed data rate
G9494-256D HAMAMATSU-G9494-256D_15 Datasheet
233Kb / 8P
   Near infrared image sensors (0.9 to 1.7 m) with high-speed data rate
G11620 HAMAMATSU-G11620_15 Datasheet
288Kb / 11P
   Single video line (128/256/512 pixels) near infrared image sensor (0.95 to 1.7 關m)
G10768 HAMAMATSU-G10768_15 Datasheet
304Kb / 7P
   Near infrared image sensor (0.9 to 1.7 m) with 1024 pixels and high-speed line rate
G11135-256DD HAMAMATSU-G11135-256DD_15 Datasheet
290Kb / 10P
   Single video line (256/512 pixels) near infrared image sensor (0.95 to 1.7 m)
logo
OmniVision Technologies...
OV02K10 OMNIVISION-OV02K10 Datasheet
663Kb / 2P
   2.9 關m Image Sensor Enables High-Quality
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com