Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63Z834TQ11R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM63Z834TQ11R
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63Z834TQ11R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM63Z834TQ11R Datasheet HTML 5Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 6Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 7Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 8Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 9Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 10Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 11Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 12Page - Motorola, Inc MCM63Z834TQ11R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
MCM63Z834
•MCM63Z916
9
MOTOROLA FAST SRAM
TRUTH TABLE
CK
CKE
E
SW
SBx
ADV
SA0 –
SAx
Next Operation
Input Command
Code
Notes
L–H
1
X
X
X
X
X
Hold
H
1, 2
L–H
0
False
X
X
0
X
Deselect
D
1, 2
L–H
0
True
0
V
0
V
Load Address, New Write
W
1, 2, 3,
4, 5
L–H
0
True
1
X
0
V
Load Address, New Read
R
1, 2
L–H
0
X
X
V (W)
1
X
Burst
B
1, 2, 4,
67
X (R, D)
Continue
6, 7
NOTES:
1. X = don‘t care, 1 = logic high, 0 = logic low, V = valid signal, according to AC Operating Conditions and Characteristics.
2. E = true if SE1 and SE3 = 0, and SE2 = 1.
3. Byte write enables, SBx are evaluated only as new write addresses are loaded.
4. No control inputs except CKE, SBx, and ADV are recognized in a clock cycle where ADV is sampled high.
5. A write with SBx not valid does load addresses.
6. A burst write with SBx not valid does increment address.
7. ADV controls whether the RAM enters burst mode. If the previous cycle was a write, then ADV = 1 results in a burst write. If the previous
cycle is a read, then ADV = 1 results in a burst read. ADV = 1 will also continue a deslect cycle.
ASYNCHRONOUS TRUTH TABLE
Operation
G
I/O Status
Read
L
Data Out (DQx)
Read
H
High–Z
Write
X
High–Z
Deselected
X
High–Z
WRITE TRUTH TABLE
Cycle Type
SW
SBa
SBb
SBc
(See Note 1)
SBd
(See Note 1)
Read
H
X
X
X
X
Write Byte a
L
L
H
H
H
Write Byte b
L
H
L
H
H
Write Byte c (See Note 1)
L
H
H
L
H
Write Byte d (See Note 1)
L
H
H
H
L
Write All Bytes
L
L
L
L
L
NOTE:
1. Valid only for the MCM63Z834.
LINEAR BURST ADDRESS TABLE (LBO = VSS)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
INTERLEAVED BURST ADDRESS TABLE (LBO = VDD)
1st Address (External)
2nd Address (Internal)
3rd Address (Internal)
4th Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63Z834TQ11R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836TQ7 MOTOROLA-MCM63Z836TQ7 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836TQ7R MOTOROLA-MCM63Z836TQ7R Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836TQ8 MOTOROLA-MCM63Z836TQ8 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836TQ8.5 MOTOROLA-MCM63Z836TQ8.5 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM63Z834TQ11R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com