Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P919ZP200R Datasheet(PDF) 5 Page - Motorola, Inc

Part # MCM63P919ZP200R
Description  256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM63P919ZP200R Datasheet(HTML) 5 Page - Motorola, Inc

  MCM63P919ZP200R Datasheet HTML 1Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 2Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 3Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 4Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 5Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 6Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 7Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 8Page - Motorola, Inc MCM63P919ZP200R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MCM63P837
•MCM63P919
5
MOTOROLA FAST SRAM
MCM63P837 PBGA PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
4B
ADSC
Input
Synchronous Address Status Controller: Active low, interrupts any
ongoing burst and latches a new external address. Used to initiate a
READ, WRITE, or chip deselect.
4A
ADSP
Input
Synchronous Address Status Processor: Active low, interrupts any
ongoing burst and latches a new external address. Used to initiate a
new READ, WRITE, or chip deselect (exception — chip deselect does
not occur when ADSP is asserted and SE1 is high).
4G
ADV
Input
Synchronous Address Advance: Increments address count in
accordance with counter type selected (linear/interleaved).
(a) 6K, 7K, 6L, 7L, 6M, 6N, 7N, 6P, 7P
(b) 6D, 7D, 6E, 7E, 6F, 6G, 7G, 6H, 7H
(c) 1D, 2D, 1E, 2E, 2F, 1G, 2G, 1H, 2H
(d) 1K, 2K, 1L, 2L, 2M, 1N, 2N, 1P, 2P
DQx
I/O
Synchronous Data I/O: “x” refers to the byte being read or written
(byte a, b, c, d).
4F
G
Input
Asynchronous Output Enable Input:
Low — enables output buffers (DQx pins).
High — DQx pins are high impedance.
4K
K
Input
Clock: This signal registers the address, data in, and all control signals
except G, LBO, and ZZ.
3R
LBO
Input
Linear Burst Order Input: This pin must remain in steady state (this
signal not registered or latched). It must be tied high or low.
Low — linear burst counter (68K/PowerPC).
High — interleaved burst counter (486/i960/Pentium).
2A, 3A, 5A, 6A, 3B, 5B, 6B, 2C, 3C, 5C,
6C, 2R, 6R, 3T, 4T, 5T
SA
Input
Synchronous Address Inputs: These inputs are registered and must
meet setup and hold times.
4N, 4P
SA1, SA0
Input
Synchronous Address Inputs: These pins must be wired to the two
LSBs of the address bus for proper burst operation. These inputs are
registered and must meet setup and hold times.
5L, 5G, 3G, 3L
(a) (b) (c) (d)
SBx
Input
Synchronous Byte Write Inputs: “x” refers to the byte being written (byte
a, b, c, d). SGW overrides SBx.
4E
SE1
Input
Synchronous Chip Enable: Active low to enable chip.
Negated high — blocks ADSP or deselects chip when ADSC is
asserted.
2B
SE2
Input
Synchronous Chip Enable: Active high for depth expansion.
4H
SGW
Input
Synchronous Global Write: This signal writes all bytes regardless of the
status of the SBx and SW signals. If only byte write signals SBx are
being used, tie this pin high.
4M
SW
Input
Synchronous Write: This signal writes only those bytes that have been
selected using the byte write SBx pins. If only byte write signals SBx
are being used, tie this pin low.
4U
TCK
Input
Boundary Scan Pin, Test Clock: If boundary scan is not used, TCK
must be tied to VDD or VSS.
3U
TDI
Input
Boundary Scan Pin, Test Data In.
5U
TDO
Output
Boundary Scan Pin, Test Data Out.
2U
TMS
Input
Boundary Scan Pin, Test Mode Select.
6U
TRST
Input
Boundary Scan Pin, Asynchronous Test Reset: If boundary scan is not
used, TRST must be tied to VSS.
7T
ZZ
Input
Sleep Mode: This active high asynchronous signal places the RAM into
the lowest power mode. The ZZ pin disables the RAMs internal clock
when placed in this mode. When ZZ is negated, the RAM remains in
low power mode until it is commanded to READ or WRITE. Data
integrity is maintained upon returning to normal operation.
4C, 2J, 4J, 6J, 4R
VDD
Supply
Core Power Supply.
1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U
VDDQ
Supply
I/O Power Supply.
3D, 5D, 3E, 5E, 3F, 5F, 3H, 5H, 3K, 5K,
3M, 5M, 3N, 5N, 3P, 5P
VSS
Supply
Ground.
1B, 7B, 1C, 7C, 4D, 3J, 5J, 4L, 1R, 5R,
7R, 1T, 2T, 6T
NC
No Connection: There is no connection to the chip.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM63P919ZP200R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ4.5 MOTOROLA-MCM63P531TQ4.5 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ4.5R MOTOROLA-MCM63P531TQ4.5R Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ7 MOTOROLA-MCM63P531TQ7 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P531TQ7R MOTOROLA-MCM63P531TQ7R Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM63P919ZP200R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com