Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM64Z916TQ11 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM64Z916TQ11
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z916TQ11 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM64Z916TQ11 Datasheet HTML 2Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 3Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 4Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 5Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 6Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 7Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 8Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 9Page - Motorola, Inc MCM64Z916TQ11 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCM64Z834
•MCM64Z916
6
MOTOROLA FAST SRAM
100–PIN TQFP
TOP VIEW
119–BUMP PGBA
TOP VIEW
MCM64Z916 PIN ASSIGNMENTS
VSS
VDDQ
37 38
34 35 36
42 43
39 40 41
45 46
44
31 32 33
50
49
48
47
94 93
97 96 95
89 88
92 91 90
86 85
87
100 99 98
81
82
83
84
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
SA
NC
NC
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQa
DQa
VDDQ
VSS
NC
NC
NC
DQb
DQb
DQb
NC
VDDQ
VSS
NC
NC
NC
NC
DQa
DQa
DQa
DQa
DQa
DQa
DQa
NC
NC
VSS
VDDQ
VDDQ
VSS
NC
NC
DQb
DQb
VDDQ
VSS
VSS
VDDQ
DQb
DQb
DQb
DQb
NC
NC
NC
VSS
VDDQ
6
5
4
3
2
17
VSS
VSS
VSS
VSS
VSS
SA
VSS
VSS
VSS
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
SA
NC
NC
NC
SA
SA
TRST
VSS
CKE
NC
NC
VDDQ
VDDQ
NC
VDDQ
DQa
DQa
DQa
DQa
FT
VDD
TDO
NC
TDI
TMS
NC
TCK
NC
DQb
VSS
SA0
NC
LBO
NC
DQa
SA1
VSS
NC
DQb
VDDQ DQb
VSS
VDD
NC
DQa
SBa
VSS
NC
DQb
NC
DQb
VSS
CK
VSS
DQb
NC
VDD
FT
VDD
VDD
VDD
VDDQ
NC
VSS
SW
DQa
DQa
NC
SA
SBb
DQb
NC
VDDQ
NC
VSS
G
NC
SE1
VSS
DQb
NC
DQb
NC
VSS
NC
DQa
VDD
NC
NC
SE2
SA
ADV
NC
Not to Scale
VDDQ
VDDQ
SE3
VDDQ
VDDQ
NC
B
C
G
A
D
E
F
H
J
K
L
M
N
P
R
T
U
VDD
VDD
VSS
VDD
VSS
VSS
FT
FT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z916TQ11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z918 MOTOROLA-MCM64Z918 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z918TQ7 MOTOROLA-MCM64Z918TQ7 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z918TQ7R MOTOROLA-MCM64Z918TQ7R Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z918TQ8 MOTOROLA-MCM64Z918TQ8 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z918TQ8.5 MOTOROLA-MCM64Z918TQ8.5 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z916TQ11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z836 MOTOROLA-MCM64Z836 Datasheet
740Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com