Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM64Z836TQ8R Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM64Z836TQ8R
Description  256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM64Z836TQ8R Datasheet(HTML) 3 Page - Motorola, Inc

  MCM64Z836TQ8R Datasheet HTML 1Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 2Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 3Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 4Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 5Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 6Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 7Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 8Page - Motorola, Inc MCM64Z836TQ8R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
MCM64Z836
•MCM64Z918
3
MOTOROLA FAST SRAM
MCM64Z836 PIN ASSIGNMENTS
VSS
VDDQ
37 38
34 35 36
42 43
39 40 41
45 46
44
31 32 33
50
49
48
47
94 93
97 96 95
89 88
92 91 90
86 85
87
100 99 98
81
82
83
84
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
DQb
DQb
DQb
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQb
DQb
VDDQ
VSS
DQc
DQc
DQc
VDD
VDD
VSS
DQd
DQd
DQd
DQd
VDDQ
VSS
DQa
DQa
DQa
DQb
DQb
DQb
DQb
VDD
VSS
DQa
DQa
VSS
DQa
DQa
DQa
DQa
VSS
VDDQ
VDDQ
VSS
DQc
DQc
DQc
DQc
VDDQ
VSS
VSS
VDDQ
DQd
DQd
DQc
DQc
FT
DQd
DQd
DQd
VSS
VDDQ
100–PIN TQFP
TOP VIEW
6
5
4
3
2
17
B
C
VSS
G
A
D
E
F
H
J
VSS
VSS
SBb
VSS
SA
VSS
VSS
VSS
SA
SA
SA
SA
SA
SA
SA
SA
NC
SA
SA
NC
NC
NC
DQb
SA
SA
TRST
VSS
CKE
DQa
DQa
VDDQ
VDDQ
DQb
VDDQ
DQb
DQb
DQa
DQa
FT
VDD
TDO
SA
TDI
TMS
NC
TCK
DQd
DQd
VSS SA0
NC
LBO
DQa
DQa
SA1
VSS
DQd
DQd
VDDQ DQd VSS
VDD
DQa
DQa
SBa
SBd
DQd
DQd
DQd
DQd
VSS
CK
VSS
DQc
DQa
VDD
FT
VDD
VDD
VDD
VDDQ
DQc
VSS
SW
DQb
DQb
DQb
SA
SBc
DQc
DQc
VDDQ DQc
VSS
G
DQb
SE1
VSS
DQc
DQc
DQc
DQc
VSS
NC
DQb
VDD
NC
NC
SE2
SA
ADV
NC
K
L
M
N
P
R
T
U
VDDQ
VDDQ
SE3
VDDQ
VDDQ
NC
119–BUMP PGBA
TOP VIEW
Not to Scale
FT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM64Z836TQ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834TQ10 MOTOROLA-MCM64Z834TQ10 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834TQ10R MOTOROLA-MCM64Z834TQ10R Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834TQ11 MOTOROLA-MCM64Z834TQ11 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM64Z834TQ11R MOTOROLA-MCM64Z834TQ11R Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
More results

Similar Description - MCM64Z836TQ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM64Z834 MOTOROLA-MCM64Z834 Datasheet
742Kb / 34P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z836 MOTOROLA-MCM63Z836 Datasheet
466Kb / 36P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z834 MOTOROLA-MCM63Z834 Datasheet
738Kb / 35P
   256K x 36 and 512K x 18 Bit ZBT Fast Static RAM
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM63Z737 MOTOROLA-MCM63Z737 Datasheet
218Kb / 20P
   128K x 36 and 256K x 18 Bit Flow-Through ZBT RAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
   256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
logo
Integrated Device Techn...
IDT71V65603 IDT-IDT71V65603 Datasheet
496Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
IDT71V65903 IDT-IDT71V65903 Datasheet
504Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs
logo
Motorola, Inc
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com