Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R820C Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69R820C
Description  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R820C Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69R820C Datasheet HTML 2Page - Motorola, Inc MCM69R820C Datasheet HTML 3Page - Motorola, Inc MCM69R820C Datasheet HTML 4Page - Motorola, Inc MCM69R820C Datasheet HTML 5Page - Motorola, Inc MCM69R820C Datasheet HTML 6Page - Motorola, Inc MCM69R820C Datasheet HTML 7Page - Motorola, Inc MCM69R820C Datasheet HTML 8Page - Motorola, Inc MCM69R820C Datasheet HTML 9Page - Motorola, Inc MCM69R820C Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69R738C
•MCM69R820C
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 5%, 0°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (See Notes 1 through 4)
Parameter
Symbol
Min
Max
–4
Max
–4.4
Max
–5
Max
–6
Max
Unit
Notes
Core Power Supply Voltage
VDD
3.15
3.6
V
Output Driver Supply Voltage
VDDQ
2.3
2.8
V
AC Supply Current (Device Selected,
All Outputs Open, Freq = Max,
VDD = Max, VDDQ = Max).
Includes Supply Currents for VDD.
IDD1
795
775
750
750
mA
5
Quiescent Active Power Supply Current
(Device Selected, All Outputs Open,
Freq = 0, VDD = Max, VDDQ = Max).
Includes Supply Currents for VDD.
IDD2
540
540
540
540
mA
6
Active Standby Power Supply Current
(Device Deselected, Freq = Max,
VDD = Max, VDDQ = Max)
ISB1
400
400
400
400
mA
7
CMOS Standby Supply Current
(Device Deselected, Freq = 0,
VDD = Max, VDDQ = Max, All Inputs
Static at CMOS Levels)
ISB2
390
390
390
390
mA
6, 7
Sleep Mode Current (ZZ = VIH,
Freq = Max, VDD = Max, VDDQ = Max)
IZZ
100
100
100
100
mA
NOTES:
1. All data sheet parameters specified to full range of VDD unless otherwise noted. All voltages are referenced to voltage applied to VSS
bumps.
2. Supply voltage applied to VDD connections.
3. Supply voltage applied to VDDQ connections.
4. All power supply currents measured with outputs open or deselected.
5. 50% read and 50% write; all addresses switching.
6. CMOS levels for I/Os are VIC ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
7. Device deselected as defined by the Clock Truth Table.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R820C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R820AZP5 MOTOROLA-MCM69R820AZP5 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP5R MOTOROLA-MCM69R820AZP5R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6 MOTOROLA-MCM69R820AZP6 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6R MOTOROLA-MCM69R820AZP6R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP7 MOTOROLA-MCM69R820AZP7 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results

Similar Description - MCM69R820C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com