Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10814 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S10814
Description  Front-illuminated FFT-CCD for X-ray imaging
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10814 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S10814 Datasheet HTML 1Page - Hamamatsu Corporation S10814 Datasheet HTML 2Page - Hamamatsu Corporation S10814 Datasheet HTML 3Page - Hamamatsu Corporation S10814 Datasheet HTML 4Page - Hamamatsu Corporation S10814 Datasheet HTML 5Page - Hamamatsu Corporation S10814 Datasheet HTML 6Page - Hamamatsu Corporation S10814 Datasheet HTML 7Page - Hamamatsu Corporation S10814 Datasheet HTML 8Page - Hamamatsu Corporation S10814 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CCD area image sensors
S10814, S10811
2
Absolute maximum ratings (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Storage temperature
Tstg
-20
-
+70
°C
Operating temperature
Topr
0
-
+40
°C
OD voltage
VOD
-0.5
-
+20
V
RD voltage
VRD
-0.5
-
+18
V
SG voltage
VSG
-15
-
+15
V
OG voltage
VOG
-15
-
+15
V
RG voltage
VRG
-15
-
+15
V
TG voltage
VTG
-15
-
+15
V
Vertical clock voltage
VP1V, VP2V
-15
-
+15
V
Horizontal clock voltage
VP1H, VP2H
-15
-
+15
V
Vcc voltage
Vcc
0
-
+7
V
Operating conditions (MPP mode, Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output transistor drain voltage
VOD
12
15
-
V
Reset drain voltage
VRD
12
13
14
V
Output gate voltage
VOG
-0.5
2
5
V
Substrate voltage
Vss
-
0
-
V
Vertical shift register
clock voltage
High
VP1VH, VP2VH
03
6
V
Low
VP1VL, VP2VL
-9
-8
-7
V
Horizontal shift register
clock voltage
High
VP1HH, VP2HH
03
6
V
Low
VP1HL, VP2HL
-9
-8
-7
V
Summing gate voltage
High
VsGH
03
6
V
Low
VsGL
-9
-8
-7
V
Reset gate voltage
High
VRGH
03
6
V
Low
VRGL
-9
-8
-7
V
Transfer gate voltage
High
VTGH
03
6
V
Low
VTGL
-9
-8
-7
V
+5 V power supply voltage
Vcc
4.75
5
5.25
V
Electrical characteristics (Ta=25 °C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Signal output frequency*1
fc
-
1
-
MHz
Vertical shift register capacitance
CP1V, CP2V
-
70000
-
pF
Horizontal shift register
capacitance
S10814
CP1H, CP2H
-
400
-
pF
S10811
-
600
-
Summing gate capacitance
S10814
CSG
-20
-
pF
S10811
-
220
-
Reset gate capacitance
S10814
CRG
-20
-
pF
S10811
-
220
-
Transfer gate capacitance
S10814
CTG
-
250
-
pF
S10811
-
450
-
Charge transfer efficiency*2
CTE
0.99995
0.99998
-
-
DC output level*3
Vout
5
8
11
V
Output impedance*3
Zo
-
500
-
Ω
Power dissipation*3 *4
P
-
75
-
mW
+5 V power supply current
S10814
Icc
-1
-
mA
S10811
-
2
-
*1:
In case of the S10814, maximum frequency strongly depends on a peripheral circuit and cable length.
*2: Measured at half of the full well capacity. CTE is defined per pixel.
*3: VOD=15 V
*4: Power dissipation of the on-chip amplifier


Similar Part No. - S10814

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10814 HAMAMATSU-S10814_15 Datasheet
462Kb / 10P
   CCD area image sensors
More results

Similar Description - S10814

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01_11 Datasheet
145Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
S8980 HAMAMATSU-S8980 Datasheet
185Kb / 7P
   Front-illuminated FFT-CCDs for X-ray imaging
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com