Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11156-2048 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S11156-2048
Description  Driver circuit for CCD image sensor Interface of computer: USB 2.0
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11156-2048 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S11156-2048 Datasheet HTML 1Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 2Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 3Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 4Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 5Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 6Page - Hamamatsu Corporation S11156-2048 Datasheet HTML 7Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Driver circuit for CCD image sensor
Driver circuit for CCD image sensor
(S11155/S11156-2048)
www.hamamatsu.com
C11165
1
The C11165 is a driver circuit designed for HAMAMATSU CCD image sensor S11155/S11156-2048. The C11165 can be used in
spectrometers when combined with the S11155/S11156-2048.
The C11165 holds a CCD driver circuit, analog video signal processing circuit (16-bit A/D converter), timing generator, control
circuit and power supply. The C11165 converts analog video signals from a CCD into digital signals and outputs them. The USB
connector (USB 2.0) provided as a standard feature easily connects to a PC for the C11165 control and data acquisition. The
C11165 also has a BNC connector for external trigger input and pulse output. The C11165 is compact, lightweight and very easy
to handle.
Application software (DCam-USB) that comes with the C11165 allows easy operation from a PC running on Windows 2000/XP. A
function library (DCamUSB.DDL) included with the application software helps you to develop your own software. This software is
available with DLL to help you develop your own software programs under various developmental environments.
Features
Applications
Control of CCD image sensor
(S11155/S11156-2048) and data aquisition
Built-in 16-bit A/D converter
Spectrometer
Adjustable offset
Adjustable gain
Interface of computer: USB 2.0
Power supply: DC+5 V
The table below shows CCD image sensor applicable for the C11165.
Since the C11165 does not include a CCD image sensor, so select the desired sensor and order it separately.
Type no.
CCD area image sensor
Type no.
Number of pixels
Number of active
pixels
Pixel size
(μm)
Active area
[mm (H) × mm (V)]
C11165
S11155-2048
2068 × 1
2048 × 1
14 × 500
28.672 × 0.500
S11156-2048
14 × 1000
28.672 × 1.000
Parameter
Symbol
Condition
Value
Unit
Supply voltage
-
Ta=25 °C
+7
V
Operating temperature*
Topr
0 to +50
°C
Storage temperature*
Tstg
-20 to +70
°C
Operating humidity*
-
70 max.
%
* No condensation
Absolute maximum ratings


Similar Part No. - S11156-2048

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11156-2048 HAMAMATSU-S11156-2048 Datasheet
427Kb / 8P
   Back-thinned CCD image sensors with electronic shutter function
More results

Similar Description - S11156-2048

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1250M SONY-CXD1250M Datasheet
154Kb / 7P
   Vertical Clock Driver for CCD Image sensor
CDX1250 SONY-CDX1250 Datasheet
109Kb / 7P
   Vertical Clock Driver for CCD Image sensor
logo
Hamamatsu Corporation
C11287 HAMAMATSU-C11287 Datasheet
404Kb / 7P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
C11287 HAMAMATSU-C11287_15 Datasheet
669Kb / 10P
   Driver circuit for CCD image sensor (S10420/S11071/S11510 series)
C11165-01 HAMAMATSU-C11165-01_15 Datasheet
355Kb / 8P
   For CCD image sensor
logo
Panasonic Semiconductor
MN31121SA PANASONIC-MN31121SA Datasheet
173Kb / 11P
   CCD Image Sensor Vertical Driver IC
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
   CCD image sensor
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
   CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
   CCD IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com