Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69R820CZP4.4 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69R820CZP4.4
Description  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69R820CZP4.4 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69R820CZP4.4 Datasheet HTML 4Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 5Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 6Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 7Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 8Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 9Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 10Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 11Page - Motorola, Inc MCM69R820CZP4.4 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCM69R738C
•MCM69R820C
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 5%, 0°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
Input Pulse Levels
0 to 2.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20% to 80%)
. . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
1.25 V
. . . . . . . . . . . . . .
Output Timing Reference Level
1.25 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Clock Input Timing Reference Level
Differential Cross–Point
. . . . . .
Clock Input Pulse Level
1.8 V to 2.1 V
. . . . . . . . . . . . . . . . . . . . . . . . .
R
θJA Device
22
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING
69R738C–4
69R820C–4
69R738C–4.4
69R820C–4.4
69R738C–5
69R820C–5
69R738C–6
69R820C–6
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
4
4.4
5
6
ns
Clock High Pulse Width
tKHKL
1.5
1.5
2
2.4
ns
Clock Low Pulse Width
tKLKH
1.5
1.5
2
2.4
ns
Clock High to Output Low–Z
tKHQX1
0.5
1
1
1
ns
1, 2
Clock High to Output Valid
tKHQV
2
2.2
2.5
3
ns
Clock High to Output Hold
tKHQX
0.7
0.7
1
1
ns
1
Clock High to Output High–Z
tKHQZ
2
2.2
2.5
3
ns
1, 2
Output Enable Low to Output
Low–Z
tGLQX
0.5
0.5
0.5
0.5
ns
Output Enable Low to Output
Valid
tGLQV
2
2.2
2.5
3
ns
Output Enable to Output Hold
tGHQX
0.5
0.5
0.5
0.5
ns
Output Enable High to Output
High–Z
tGHQZ
2
2
2.5
3
ns
1, 2
ZZ High to Sleep Mode
tZZE
50
50
50
50
ns
ZZ Low to Recovery
tZZR
200
200
200
200
ns
Setup Times:
Address
Data In
Chip Select
Write Enable
tAVKH
tDVKH
tSVKH
tWVKH
0.5
0.5
0.5
0.5
ns
Hold Times:
Address
Data In
Chip Select
Write Enable
tKHAX
tKHDX
tKHSX
tKHWX
0.75
0.75
1
1
ns
NOTES:
1. This parameter is sampled and not 100% tested.
2. Measured at
±200 mV from steady state.
DEVICE
UNDER
TEST
50
50
VDDQ/2
TIMING LIMITS
The table of timing values shows either a mini-
mum or a maximum limit for each parameter. Input
requirements are specified from the external system
point of view. Thus, address setup time is shown as
a minimum since the system must supply at least
that much time. On the other hand, responses from
the memory are specified from the device point of
view. Thus, the access time is shown as a maximum
since the device never provides data later than that
time.
Figure 1. AC Test Load
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM69R820CZP4.4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R820AZP5 MOTOROLA-MCM69R820AZP5 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP5R MOTOROLA-MCM69R820AZP5R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6 MOTOROLA-MCM69R820AZP6 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP6R MOTOROLA-MCM69R820AZP6R Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R820AZP7 MOTOROLA-MCM69R820AZP7 Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
More results

Similar Description - MCM69R820CZP4.4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com