Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZD12 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # DZD12
Description  0.2W Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DZD12 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DZD12 Datasheet HTML 1Page - Sanyo Semicon Device DZD12 Datasheet HTML 2Page - Sanyo Semicon Device DZD12 Datasheet HTML 3Page - Sanyo Semicon Device DZD12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.2128-2/4
DZD2.0 to 24
Type No.
Zener Characteristics
Reverse Current
Zener Voltage VZ [V]*
Test
Voltage
VR
Dynamic Resistance
rd [Ω]
f=1kHz
Test
Current
IR
min
max
Sub-
division
3.40
X
Z
X
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
X
Y
Z
3.65
3.55
3.80
3.70
3.97
3.87
4.10
4.13
4.35
4.00
4.23
4.25
4.50
4.53
4.76
4.40
4.63
4.66
4.90
4.97
5.24
4.80
5.07
5.14
5.40
5.43
5.81
5.30
5.63
5.61
6.00
6.00
6.39
5.80
6.20
6.19
6.60
6.60
7.02
6.40
6.80
6.82
7.20
7.23
7.66
7.00
7.43
7.46
7.90
7.96
8.43
7.70
8.16
8.23
8.70
8.80
9.30
8.50
9.00
9.10
9.60
9.73
10.26
9.40
9.93
10.06
11.60
10.73
11.26
10.40
10.98
11.06
11.60
11.73
12.26
11.40
11.93
12.06
12.60
12.88
13.57
12.40
13.08
13.37
14.10
14.33
15.11
13.80
14.63
14.81
15.60
15.80
16.60
15.30
16.10
16.30
17.10
min
max
3.40
DZD3.6
DZD3.9
DZD4.3
DZD4.7
DZD5.1
DZD5.6
DZD6.2
DZD6.8
DZD7.5
DZD8.2
DZD9.1
DZD10
DZD11
DZD12
DZD13
DZD15
DZD16
3.80
3.70
4.10
4.00
4.50
4.40
4.90
4.80
5.40
5.30
6.00
5.80
6.60
6.40
7.20
7.00
7.90
7.70
8.70
8.50
9.60
9.40
10.60
10.40
11.60
11.40
12.60
12.40
14.10
13.80
15.60
15.30
17.10
max
[
µA]
[V]
[mA]
typ
130
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
10
10
10
10
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
2.5
2.5
2.5
3.0
3.0
3.0
5.0
5.0
5.0
6.0
6.0
6.0
6.5
6.5
6.5
7.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
10.0
10.0
10.0
11.0
11.0
11.0
12.0
12.0
12.0
8.5
8.5
8.5
90
130
90
130
85
130
85
130
80
130
80
130
80
120
60
120
60
120
60
70
35
70
35
70
35
40
15
40
15
40
15
30
8.0
30
8.0
30
8.0
25
7.0
25
7.0
25
7.0
23
6.8
23
6.8
23
6.8
20
5.0
20
5.0
20
5.0
18
4.0
18
4.0
18
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
4.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
15
3.0
18
3.0
18
3.0
18
3.0
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
Zener voltage VZ will be subdivided into X, Y, Z at your request.
Continued on next page.
* : t=30ms


Similar Part No. - DZD12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD30 SANYO-DZD30 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD33 SANYO-DZD33 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD36 SANYO-DZD36 Datasheet
46Kb / 2P
   0.2W Zener Diodes
DZD39 SANYO-DZD39 Datasheet
46Kb / 2P
   0.2W Zener Diodes
More results

Similar Description - DZD12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DZD27 SANYO-DZD27 Datasheet
46Kb / 2P
   0.2W Zener Diodes
logo
Gaomi Xinghe Electronic...
MM5Z2V0 GXELECTRONICS-MM5Z2V0 Datasheet
449Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
MM5Z2V0 JINGHENG-MM5Z2V0 Datasheet
62Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
TAITRON Components Inco...
BZX384C3V9 TAITRON-BZX384C3V9 Datasheet
296Kb / 4P
   0.2W Surface Mount Zener Diodes
logo
Jinan Jingheng (Group) ...
MM5Z2V0 JINANJINGHENG-MM5Z2V0 Datasheet
286Kb / 3P
   0.2W SILICON PLANAR ZENER DIODES
logo
Shenzhen Luguang Electr...
BZT52C2V0S LUGUANG-BZT52C2V0S Datasheet
1Mb / 3P
   0.2W Zener Diode
1SS355 LUGUANG-1SS355 Datasheet
209Kb / 2P
   0.2W Fast Switching Diodes
1SS355 LUGUANG-1SS355_V01 Datasheet
1Mb / 2P
   0.2W Fast Switching Diodes
BAV19WS LUGUANG-BAV19WS Datasheet
219Kb / 2P
   0.2W Fast Switching Diodes
SD106WS LUGUANG-SD106WS Datasheet
201Kb / 2P
   0.2W Fast Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com