Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3809U-61 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # R3809U-61
Description  MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-61 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  R3809U-61 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 3: Typical Output Waveform
TPMHB0757EA
TPMHC0232EB
Figure 4: Block Diagram of Output Waveform Measuring System
Figure 5: Typical Instrument Response Function (IRF) A
TPMHB0759EA
TPMHC0233EB
Figure 6: Block Diagram of IRF Measuring System
TPMHB0758EA
TPMHB0760EA
GR3809U-61
GR3809U-63/-64
GR3809U-61
GR3809U-63/-64
0.2 (ns/div)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
WIDTH
: -3000 V
: 200 ps
: 500 ps
: 400 ps
0.2 (ns/div)
SUPPLY VOLTAGE
RISE TIME
FALL TIME
WIDTH
: -3000 V
: 180 ps
: 400 ps
: 300 ps
PICOSECOND
LIGHT
PULSER
HAMAMATSU
MODEL#PLP-01
WAVELENGTH: 410 nm
PULSE WIDTH
(FWHM)
:
35 ps
ND FILTER
DIGITAL
SAMPLING
OSCILLOSCOPE
HIGH VOLTAGE
POWER SUPPLY
COMPUTER
R3809U-61/-63/-64
TEKTRONIX
11802
TRIGGER IN
50
Ω LOAD
HAMAMATSU C4840
TRIGGER
OUT
PICOSECOND
LIGHT
PULSER
HAMAMATSU
MODEL#PLP-01
WAVELENGTH: 410 nm
PULSE WIDTH
(FWHM)
:
35 ps
ND FILTER
HIGH VOLTAGE
POWER SUPPLY
COMPUTER
NAIG
DELAY
HAMAMATSU
C5594
HAMAMATSU C4840
TENNELEC TC-454
ORTEC 425A
ORTEC 457
TRIGGER
OUT
R3809U-61/-63/-64
MCA
CFD
AMP
TAC
START
STOP
100
101
102
103
104
0.2 (ns/div)
FWHM: 60 ps
100
101
102
103
104
0.5 (ns/div)
FWHM: 150 ps


Similar Part No. - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
More results

Similar Description - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
F6584 HAMAMATSU-F6584 Datasheet
24Kb / 2P
   WIDE DYNAMIC RANGE MICROCHANNEL PLATES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com