Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E15155-006 Datasheet(PDF) 8 Page - Intel Corporation

Part # E15155-006
Description  Technical Product Specification
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

E15155-006 Datasheet(HTML) 8 Page - Intel Corporation

Back Button E15155-006 Datasheet HTML 4Page - Intel Corporation E15155-006 Datasheet HTML 5Page - Intel Corporation E15155-006 Datasheet HTML 6Page - Intel Corporation E15155-006 Datasheet HTML 7Page - Intel Corporation E15155-006 Datasheet HTML 8Page - Intel Corporation E15155-006 Datasheet HTML 9Page - Intel Corporation E15155-006 Datasheet HTML 10Page - Intel Corporation E15155-006 Datasheet HTML 11Page - Intel Corporation E15155-006 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
System Overview
Intel® Modular Server System MFSYS25/MFSYS35 TPS
2.
System Overview
This section provides an overview of the features of the Intel
® Modular Server System
MFSYS25/MFSYS35
.
2.1
Introduction
The platform supports six compute modules providing sockets for up to 12 Multi-Core Intel
®
Xeon
® processors 5000 sequence, up to 192 GB of memory (using 4-GB DIMMs), up to
fourteen hot-swap 2.5-inch SAS hard disk drives in the Intel
® Modular Server System MFSYS25
or up to six hot-swap 3.5-inch SAS/SATA hard disk drives in the Intel
® Modular Server System
MFSYS35, an integrated server management module, redundant Ethernet switches and
redundant storage controllers. The server ships configured for rack mounting, but may be
mounted in a pedestal configuration.
The following table lists and briefly describes the features of the Intel
® Modular Server System
MFSYS25/MFSYS35
.
Table 1. Server Platform Feature List
Feature
Description
Compact, high-density
system
Rack-mount server with a height of 6U (10.5 inches) and a depth of 28 inches (706 mm)
Configuration flexibility
Shared storage hard drive bay supporting up to fourteen (14) 2.5-inch SAS hard drives in
the Intel
® Modular Server System MFSYS25 and up to six (6) 3.5-inch SAS/SATA hard
drives in the Intel
® Modular Server System MFSYS35.
Up to six (6) compute modules
Optional secondary Ethernet switch module
Optional secondary storage controller
Serviceability
Tool-less design features
Front access to optional hot-swap hard disk drives
Rear access to I/O slots, cooling, and hot-swap power supplies
Status and fault indicator LEDs
Front viewable compute module ID LEDs
Color-coded parts to identify hot-swap and non-hot-swap serviceable components
Availability
Four 1000-W power supplies in a redundant (3+1) configuration with separate power cords
Up to six compute modules
Redundant networking and storage
Redundant cooling
Manageability
Remote management
Extensive system sensors and monitoring
Remote diagnostics support via serial and LAN ports
Web management console
KVM console redirection
The front of each individual compute module provides video, USB, a power button, and
status LEDs that allow local monitoring and managing of the individual compute module.
2
Revision 1.3
Intel order number E15155-005


Similar Part No. - E15155-006

ManufacturerPart #DatasheetDescription
logo
3M Electronics
E1515 3M-E1515 Datasheet
1Mb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive
logo
MORNSUN Science& Techno...
E1515D-1WR2 MORNSUN-E1515D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
E1515D-2WR3 MORNSUN-E1515D-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual or single output
2021.02.07
logo
3M Electronics
E1515H 3M-E1515H Datasheet
39Kb / 6P
   Cushion-Mount??Plus Plate Mounting Tapes with Easy Mount Adhesive High Plateside Adhesion
logo
MORNSUN Science& Techno...
E1515S-1WR2 MORNSUN-E1515S-1WR2 Datasheet
603Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - E15155-006

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com