Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHVIC2115R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MHVIC2115R2
Description  RF LDMOS Wideband Integrated Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHVIC2115R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MHVIC2115R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MHVIC2115R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MHVIC2115R2
3
RF Device Data
Freescale Semiconductor
C1, C5, C8, C12, C14, C19 1 mF SMT Tantalum Chip Capacitors
C2, C3, C4, C7, C11, C18
0.01 mF Chip Capacitors (0805C103K5RACTR)
C6, C10, C17
6.8 pF Chip Capacitors, ACCU-P (AVX 08051J6R8BBT)
C9, C15, C16
1.8 pF Chip Capacitors, ACCU-P (AVX 08051J1R8BBT)
C13, C20, C21 330 mF Electrolytic Capacitors
(MCR35V337M10X16)
R1, R2, R3
1 kW Chip Resistors (0805)
PCB
Arlon, 0.020,, er = 2.55
Figure 3. MHVIC2115R2 Demo Board Schematic
C19
RF
OUTPUT
C9
C15
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C16
C17
VD3
C20
C18
VD2
C13
VD1
RF
INPUT
R3
C2
C1
Vbias3
R1
C4
C14
Vbias1
R2
C3
C5
Vbias2
+
C8
+
C7
C6
C12
+
C11
C10
C21
+
++
+
+
+
Quiescent Current
Temperature Compensation


Similar Part No. - MHVIC2115R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MHVIC2115R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
Freescale Semiconductor...
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
   RF LDMOS Wideband Integrated Power Amplifier
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
MW7IC915N NXP-MW7IC915N Datasheet
672Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 2, 12/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com